Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA381
Description  26-V, Low-Cost, Zero-Drift, Voltage-Output, Current-Shunt Monitor With Integrated Comparator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA381 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA381 Datasheet HTML 3Page - Texas Instruments INA381 Datasheet HTML 4Page - Texas Instruments INA381 Datasheet HTML 5Page - Texas Instruments INA381 Datasheet HTML 6Page - Texas Instruments INA381 Datasheet HTML 7Page - Texas Instruments INA381 Datasheet HTML 8Page - Texas Instruments INA381 Datasheet HTML 9Page - Texas Instruments INA381 Datasheet HTML 10Page - Texas Instruments INA381 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
VOUT
RESET
ALERT
IN+
IN-
VS+
GND
CMPIN
CMPREF
10 k:
RPULLUP
+
-
0 V to 26 V
+
-
G = 20, 50,
100, 200
ADC
GPIO
GPIO
R1
R2
Microcontroller
5V
2.7 V to 5.5 V
RSENSE
Load
INA381
Copyright © 2017, Texas Instruments Incorporated
7
INA381
www.ti.com
SBOS848 – DECEMBER 2017
Product Folder Links: INA381
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The INA381 is a zero-drift topology, current-sensing amplifier with an integrated comparator that can be used in
both low-side and high-side current-sensing and protection applications. These specially-designed, current-
sensing amplifiers are able to accurately measure voltages developed across current-sensing resistors (also
known as current-shunt resistors) on common-mode voltages that far exceed the supply voltage powering the
device. Current can be measured on input voltage rails as high as 26 V, and the device can be powered from
supply voltages as low as 2.7 V. The device can also withstand the full 26-V common-mode voltage at the input
pins when the supply voltage is removed without causing damage.
The zero-drift topology enables high-precision measurements with maximum input offset voltages as low as
150 µV with a temperature contribution of only 1 µV/°C over the full temperature range of –40°C to +125°C. The
low total offset voltage of the INA381 enables smaller current-sense resistor values to be used, and allows for a
more efficient system operation without sacrificing measurement accuracy resulting from the smaller input signal.
The INA381 uses a reference input that allows for a simple method of setting the corresponding current threshold
level for the device to use for out-of-range comparison. Combining the precision measurement of the current-
sense amplifier and the on-board comparator enables an all-in-one overcurrent detection device. This
combination creates a highly-accurate solution that is capable of fast detection of out-of-range conditions and
allows the system to take corrective actions to prevent potential component or system-wide damage.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com