Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA381
Description  26-V, Low-Cost, Zero-Drift, Voltage-Output, Current-Shunt Monitor With Integrated Comparator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA381 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA381 Datasheet HTML 5Page - Texas Instruments INA381 Datasheet HTML 6Page - Texas Instruments INA381 Datasheet HTML 7Page - Texas Instruments INA381 Datasheet HTML 8Page - Texas Instruments INA381 Datasheet HTML 9Page - Texas Instruments INA381 Datasheet HTML 10Page - Texas Instruments INA381 Datasheet HTML 11Page - Texas Instruments INA381 Datasheet HTML 12Page - Texas Instruments INA381 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
VOUT
ALERT
CMPREF
-1
0
1
2
3
4
5
6
Time (2ms/div)
9
INA381
www.ti.com
SBOS848 – DECEMBER 2017
Product Folder Links: INA381
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
7.3.3 High Bandwidth and Slew Rate
The INA381 supports small-signal bandwidths as high as 350 kHz, and large-signal slew rates of 2 V/µs. The
ability to detect rapid changes in the sensed current, as well as the ability to quickly slew the output, makes the
INA381 a good choice for applications that require a quick response to input current changes. One application
that requires high bandwidth and slew rate is low-side motor control, where the ability to follow rapid changing
current in the motor allows for more accurate control over a wider operating range. Another application that
requires higher bandwidth and slew rates is system fault detection. The integrated comparator within the INA381
is designed to quickly detect when the sense current is out of range and provides a digital output on the ALERT
pin for quicker and faster responses.
7.3.4 Alert Output
The device ALERT pin is an active-low, open-drain output that is designed to be pulled low when the input
conditions are detected to be out-of-range. This open-drain output pin is recommended to include a 10-kΩ pullup
resistor to the supply voltage. This open-drain pin can be pulled up to a voltage beyond the supply voltage, VS,
but must not exceed 5.5 V.
Figure 2 shows the alert output response of the internal comparator. When the output voltage of the amplifier is
lower than the set reference voltage on CMPREF, the comparator output is in the default high state. When the
amplifier output voltage exceeds the reference voltage set at the CMPREF pin, the comparator output becomes
active and pulls low. This active low output indicates that the measured signal at the amplifier input has
exceeded the programmed threshold level, indicating an overcurrent or out-of-range condition has occurred.
Figure 2. Overcurrent Alert Response
7.3.5 Alert Mode
The device has two output operating modes, transparent and latched, that are selected based on the RESET pin
setting. These modes change how the ALERT pin responds following an alert when the overcurrent condition is
removed.
7.3.5.1 Transparent Output Mode
The device is set to transparent mode when the RESET pin is pulled low, allowing the output alert state to
change and follow the input signal with respect to the programmed alert threshold. For example, when the
differential input signal rises above the alert threshold, the alert output pin is pulled low. When the differential
input signal drops below the alert threshold, the output returns to the default high output state. A common
implementation using the device in transparent mode is connecting the ALERT pin to a hardware interrupt input
on a microcontroller. When an overcurrent condition is detected and the ALERT pin is pulled low, the controller
interrupt pin detects the output state change and begins making changes to the system operation required to
address the overcurrent condition. Under this configuration, the ALERT pin high-to-low transition is captured by
the microcontroller so the output returns to the default high state when the overcurrent event is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com