Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA381
Description  26-V, Low-Cost, Zero-Drift, Voltage-Output, Current-Shunt Monitor With Integrated Comparator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA381 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA381 Datasheet HTML 6Page - Texas Instruments INA381 Datasheet HTML 7Page - Texas Instruments INA381 Datasheet HTML 8Page - Texas Instruments INA381 Datasheet HTML 9Page - Texas Instruments INA381 Datasheet HTML 10Page - Texas Instruments INA381 Datasheet HTML 11Page - Texas Instruments INA381 Datasheet HTML 12Page - Texas Instruments INA381 Datasheet HTML 13Page - Texas Instruments INA381 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
VOUT
(VIN+ - VIN-) x GAIN
0 V
ALERT1
LATCH1
Latch Mode
Transparent Mode
Alert Does Not Clear
Alert Clears
VCPMPREF
10
INA381
SBOS848 – DECEMBER 2017
www.ti.com
Product Folder Links: INA381
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
7.3.5.2 Latch Output Mode
Some applications do not have the functionality available to continuously monitor the state of the output ALERT
pin to detect an overcurrent condition, as described in the Transparent Output Mode section. A typical example
of this application is a system that is only able to poll the ALERT pin state periodically to determine if the system
is functioning correctly. If the device is set to transparent mode in this type of application, the state change of the
ALERT pin can be missed when ALERT is pulled low to indicate an out-of-range event if the out-of-range
condition does not appear during one of these periodic polling events. Latch mode is specifically intended to
accommodate these applications.
As shown in Table 1, the device is placed into the corresponding output mode based on the signal connected to
RESET. The difference between latch mode and transparent mode is how the alert output responds when an
overcurrent event ends. In transparent mode (RESET = low), when the differential input signal drops below the
limit threshold level after the ALERT pin asserts because of an overcurrent event, the state of the ALERT pin
returns to the default high setting to indicate that the overcurrent event is complete.
Table 1. Output Mode Settings
OUTPUT MODE
RESET PIN SETTING
Transparent mode
RESET = low
Latch mode
RESET = high
In latch mode (RESET = high), when an overlimit condition is detected and the ALERT pin is pulled low, the
ALERT pin does not return to the default high state when the differential input signal drops below the alert
threshold level. To clear the alert, the RESET pin must be pulled low for at least 100 ns. Pulling the RESET pin
low returns the ALERT to the default high level, if the differential input signal is below the alert threshold. If the
input signal is above the threshold limit when the RESET pin is pulled low, the ALERT pin remains low. When
the alert condition is detected by the system controller, the RESET pin can be set back to high to place the
device back in latch mode.
Figure 3 shows the latch and transparent modes. In Figure 3, when VIN drops back below the VLIMIT threshold for
the first time, the RESET pin is pulled high. With the RESET pin is pulled high, the device is set to latch mode so
that the alert output state does not return high when the input signal drops below the VLIMIT threshold. Only when
the RESET pin is pulled low does the ALERT pin return to the default high level, thus indicating that the input
signal is below the limit threshold. When the input signal drops below the limit threshold for the second time, the
RESET pin is already pulled low. The device is set to transparent mode at this point and the ALERT pin is pulled
back high when the input signal drops below the alert threshold.
Figure 3. Transparent versus Latch Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com