Electronic Components Datasheet Search
  English  ▼

X  

ATSAM2193 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATSAM2193
Description  Sound Synthesis
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2193 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATSAM2193 Datasheet HTML 5Page - ATMEL Corporation ATSAM2193 Datasheet HTML 6Page - ATMEL Corporation ATSAM2193 Datasheet HTML 7Page - ATMEL Corporation ATSAM2193 Datasheet HTML 8Page - ATMEL Corporation ATSAM2193 Datasheet HTML 9Page - ATMEL Corporation ATSAM2193 Datasheet HTML 10Page - ATMEL Corporation ATSAM2193 Datasheet HTML 11Page - ATMEL Corporation ATSAM2193 Datasheet HTML 12Page - ATMEL Corporation ATSAM2193 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
ATSAM2193/ATSAM2193-G
2695A–DRMSD–06/03
Reset and Power-
down
During power-up, the RESET input should be held low until the crystal oscillator and
PLL are stabilized. This takes about 20 ms. A typical RC/diode power-up network can
be used.
After RESET, the ATSAM2193 or ATSAM2193-G enters an initialization routine. It takes
around 50 ms before a MIDI IN or MPU message can be processed.
If PDWN is asserted low, then the crystal oscillator and PLL are stopped. The chip
enters a deep power-down sleep mode. To exit power down, PDWN must be asserted
high, then RESET applied.
Power-down mode is managed by an internal power switch. The equivalent schematic
and standard connection is shown in Figure 7.
All the VC2 pins must be connected to PWROUT.
Figure 7. Schematic
Note:
High level for PDWN is VC2 = 2.5V ±10%.
Figure 8. PDWN Connection Example
VC2 Source from
Power Supply
ATSAM2193
ATSAM2193-G
VC2
VC2
VC2
VC2
VC2
VC2
PDWN = L: Power-down Mode (Internal Power Switch Open)
PDWN = H: Operating Mode (Internal Power Switch Closed)
ATSAM2193
ATSAM2193-G
VC2
HOST
PDWN
Control
(High level = 3.3V)
VC3
3.3V
10 kOhm
PDWN
VC3
3.3V
PWRIN
2.5V
PWROUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com