Electronic Components Datasheet Search
  English  ▼

X  

ATSAM2193 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATSAM2193
Description  Sound Synthesis
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2193 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATSAM2193 Datasheet HTML 2Page - ATMEL Corporation ATSAM2193 Datasheet HTML 3Page - ATMEL Corporation ATSAM2193 Datasheet HTML 4Page - ATMEL Corporation ATSAM2193 Datasheet HTML 5Page - ATMEL Corporation ATSAM2193 Datasheet HTML 6Page - ATMEL Corporation ATSAM2193 Datasheet HTML 7Page - ATMEL Corporation ATSAM2193 Datasheet HTML 8Page - ATMEL Corporation ATSAM2193 Datasheet HTML 9Page - ATMEL Corporation ATSAM2193 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
ATSAM2193/ATSAM2193-G
2695A–DRMSD–06/03
Absolute Maximum Ratings
Recommended Operating Conditions
Note:
1. When using 3.3V VCC supply in a 5V environment, care must be taken that pin voltage does not exceed VC3+0.3V. Pin X1
is powered by VC2, therefore voltage on this pin should not exceed VC2+0.3V.
VC3 should not be lower than VC2.
DC Characteristics
Table 4. Absolute Maximum Ratings
Ambient Temperature (Power applied) ........... -40°C to +85°C
*NOTICE:
Stresses beyond those listed under “Abso-
lute Maximum Ratings” may cause perma-
nent damage to the device. This is a stress
rating only and functional operation of the
device at these or any other conditions
beyond those indicated in the operational
sections of this specification is not implied.
Exposure to absolute maximum rating con-
ditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Input Pins................................. -0.5V to V
C3 + 0.3V
(except X1 and PDWN)
Voltage on X1 and PDWN Pins.................. -0.5V to V
C2 + 0.3V
V
C2 Supply Voltage (core) .....................................-0.5V to +3V
V
C3 Supply Voltage (I/O) ....................................-0.3V to +4.5V
Maximum IOL per I/O pin................................................. 4 mA
Table 5. Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
V
C2
Supply voltage
2.25
2.5
2.75
V
V
C3
(1)
Supply voltage
2.5
3.3
3.6
V
t
A
Operating ambient temperature
0
70
°C
Table 6. DC Characteristics (tA = 25°C, VC2 = 2.5V ± 10%, VC3 = 3.3V ± 10%)
Symbol
Parameter
Min
Typ
Max
Unit
V
IL
Low-level input voltage (Except X1, PDWN)
-0.3
-
1.0
V
V
IH
High-level input voltage (Except X1, PDWN)2.3
-
V
C3+0.3
V
V
IL
Low-level input voltage for X1, PDWN
-0.3
-
0.3
V
V
IH
High-level input voltage for X1, PDWN
2-
V
C2+0.3
V
V
OL
Low-level output voltage I
OL = -2mA
-
-
0.4
V
V
OH
High-level output voltage I
OH = 2mA
2.9
-
-
V
Power consumption (crystal frequency =9.6 MHz)
-
95
mW
Power down supply current (using power switch)
1
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com