Electronic Components Datasheet Search
  English  ▼

X  

ATSAM2193 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATSAM2193
Description  Sound Synthesis
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2193 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATSAM2193 Datasheet HTML 1Page - ATMEL Corporation ATSAM2193 Datasheet HTML 2Page - ATMEL Corporation ATSAM2193 Datasheet HTML 3Page - ATMEL Corporation ATSAM2193 Datasheet HTML 4Page - ATMEL Corporation ATSAM2193 Datasheet HTML 5Page - ATMEL Corporation ATSAM2193 Datasheet HTML 6Page - ATMEL Corporation ATSAM2193 Datasheet HTML 7Page - ATMEL Corporation ATSAM2193 Datasheet HTML 8Page - ATMEL Corporation ATSAM2193 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
ATSAM2193/ATSAM2193-G
2695A–DRMSD–06/03
Figure 2. Pinout by Pin Coordinate - 44-ball TFBGA (Top View)
CKOUT
C6
OUT
Buffered X2 output, can be used to drive external DAC master clock (256 * Fs)
LFT
G7
-
PLL external RC network.
RESET
E7
IN
Reset input, active low. This is a Schmitt trigger input, allowing direct connection to an RC
network.
PWROUT
E1
PWR
Power switch output. Use this pin to supply 2.5V nominal core voltage by connecting it to all
V
C2 pins.
PDWN
F3
IN
Power down, active low. When power down is active, all outputs are set to logic level 0. The
PLL and crystal oscillator are stopped. If the power switch feature is used, then 2.5V supply
is removed from the core. To exit from power down, PDWN must be set to V
C2, then RESET
applied. When unused this pin must be connected to V
C2.
TEST0 -
TEST1
B7, B2
IN
Test pins, should be grounded.
RUN
A3
OUT
When high, indicates synthesizer is up and running.
Table 3. Pin by Function - 44-ball TFBGA Package (Continued)
Pin Name
Pin Number
Type
Function
WSBD
D5
RUN
GND
D3
DACSEL VC3
D6
TEST1
D4
GND MIDI IN
D2
TEST0
D7
DABD
GND
GND CKOUT
D1
VC3
IRQ
VC2
D0
PWROUT
GND
GND
RESET
PWRIN
VC2
VC2
A0
CLBD
VC2
WR
GND
X1
X2
VC2
GND
LFT
RD
CS
PDWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com