Electronic Components Datasheet Search
  English  ▼

X  

ATSAM2193 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATSAM2193
Description  Sound Synthesis
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2193 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATSAM2193 Datasheet HTML 1Page - ATMEL Corporation ATSAM2193 Datasheet HTML 2Page - ATMEL Corporation ATSAM2193 Datasheet HTML 3Page - ATMEL Corporation ATSAM2193 Datasheet HTML 4Page - ATMEL Corporation ATSAM2193 Datasheet HTML 5Page - ATMEL Corporation ATSAM2193 Datasheet HTML 6Page - ATMEL Corporation ATSAM2193 Datasheet HTML 7Page - ATMEL Corporation ATSAM2193 Datasheet HTML 8Page - ATMEL Corporation ATSAM2193 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
ATSAM2193/ATSAM2193-G
2695A–DRMSD–06/03
44-ball TFBGA Package
Table 3. Pin by Function - 44-ball TFBGA Package
Pin Name
Pin Number
Type
Function
Power Supply Group
GND
A4, B4, C3,
C5, E3, E5,
G2, G6
PWR
Digital ground - all pins should be connected to a ground plane.
VC3
A7, D1
PWR
I/O power supply, 2.25V to 3.6V. All pins should be connected to a nominal 3.3V power.
VC2
D6, F2, F4, F7,
G5
PWR
Core power supply, 2.25V to 2.75V. All pins should be connected to nominal 2.5V. If the
built-in power switch is used for minimum power-down consumption, then all these pins
should be connected to the output of the power switch PWROUT (pin 36).
PWRIN
F1
PWR
Power switch input, 2.25V to 2.95V. Even if the power switch feature is not used, this pin
must be connected to nominal 2.5V.
Serial MIDI, Parallel MIDI (MPU-401)
MIDI IN
B5
IN
Serial TTL MIDI IN. Connected to the built-in synthesizer at power-up or after MPU reset.
Connected to the D0 - D7 bus (read mode) when MPU switched to UART mode. This pin
should be tied HIGH if not used.
D0 - D7
D7, C7, B6,
A5, B3, A2, B1,
C1
I/O
8-bit bi-directional bus, under control of CS, RD, WR. These pins should be left
unconnected if not used.
A0
F5
IN
This pin has built-in pull-down. Should be left unconnected if not used.
Select:
0 = data registers (read/write)
1 = status register (read), control register (write)
CS
E6
IN
Chip select, active low. This pin has a built-in pull-down. It should be left unconnected if not
used.
RD
E2
IN
Read, active low. When CS and RD are low, data (A0 = 0) or status (A0 = 1) is read on D0-
D7. Read data is acknowledged on the rising edge of RD. This pin has a built-in pull-down.
It should be left unconnected if not used.
WR
G1
IN
Write, active low. When CS and WR are low, data (A0 = 0) or control (A0 = 1) is written from
the D0 -D7 bus to the ATSAM2193 on the rising edge of WR. This pin has a built-in pull-up.
It should be left unconnected if not used.
IRQ
D2
OUT
A rising edge indicates that a MIDI byte is available for read on D0 - D7. Acknowledged by
reading the byte.
Digital Audio Group
CLBD
F6
OUT
Digital audio bit clock.
WSBD
A1
OUT
Digital audio left/right select.
DABD
C2
OUT
Digital audio stereo output.
DACSEL
A6
IN
DAC type:
0 = I2S 16 to 20 bits
1 = Japanese 16 bits
Miscellaneous Group
X1, X2
G3, G4
-
9.6 MHz crystal connection. An external 9.6 MHz clock can also be used on X1 (2.5V
PP
max through 47 pF capacitor). X2 cannot be used to drive external circuits, use CKOUT
instead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com