Electronic Components Datasheet Search
  English  ▼

X  

ATSAM2193 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATSAM2193
Description  Sound Synthesis
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2193 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATSAM2193 Datasheet HTML 6Page - ATMEL Corporation ATSAM2193 Datasheet HTML 7Page - ATMEL Corporation ATSAM2193 Datasheet HTML 8Page - ATMEL Corporation ATSAM2193 Datasheet HTML 9Page - ATMEL Corporation ATSAM2193 Datasheet HTML 10Page - ATMEL Corporation ATSAM2193 Datasheet HTML 11Page - ATMEL Corporation ATSAM2193 Datasheet HTML 12Page - ATMEL Corporation ATSAM2193 Datasheet HTML 13Page - ATMEL Corporation ATSAM2193 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
ATSAM2193/ATSAM2193-G
2695A–DRMSD–06/03
Recommended Board
Layout
Like all HCMOS high integration ICs, the following simple rules of board layout are man-
datory for reliable operation:
•
GND, VC3, VC2 Distribution and Decouplings
All GND, VC3, VC2 pins should be connected. A GND plane is strongly recommended
below the ATSAM2193 and ATSAM2193-G. The board GND + VC2 distribution should
be in grid form.
Recommended VC2 decoupling is 0.1 µF at each corner of the IC with an additional 10
µF between pins 42 and 44 for the ATSAM2193 and between pins G6 and F7 for the
ATSAM2193-G. VC3 requires a single 0.1 uF decoupling.
•
Crystal, LFT
The paths between the crystal, the crystal compensation capacitors, the LFT filter R-C-
R and the device should be short and shielded. The ground return from the compensa-
tion capacitors and LFT filter should be the GND plane from the device.
•
Analog Section
A specific AGND ground plane should be provided, which is connected to the GND
ground by a single trace. No digital signals should cross the AGND plane.
Refer to the Codec vendor recommended layout for correct implementation of the ana-
log section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com