Electronic Components Datasheet Search
  English  ▼

X  

DLP650LE Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DLP650LE
Description  0.65 WXGA DMD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP650LE Datasheet(HTML) 4 Page - Texas Instruments

  DLP650LE Datasheet HTML 1Page - Texas Instruments DLP650LE Datasheet HTML 2Page - Texas Instruments DLP650LE Datasheet HTML 3Page - Texas Instruments DLP650LE Datasheet HTML 4Page - Texas Instruments DLP650LE Datasheet HTML 5Page - Texas Instruments DLP650LE Datasheet HTML 6Page - Texas Instruments DLP650LE Datasheet HTML 7Page - Texas Instruments DLP650LE Datasheet HTML 8Page - Texas Instruments DLP650LE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4
DLP650LE
DLPS095 – NOVEMBER 2017
www.ti.com
Product Folder Links: DLP650LE
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
I = Input, O = Output, G = Ground, A = Analog, P = Power, NC = No Connect.
Pin Functions
PIN
NET LENGTH
(mils)
SIGNAL
TYPE(1)
DESCRIPTION
NAME
NO.
DATA INPUTS
D_AN(1)
G20
711.64
LVDS
I
LVDS pair for Data Bus A
D_AN(3)
H19
711.60
D_AN(5)
F18
711.60
D_AN(7)
E18
711.60
D_AN(9)
C20
711.60
D_AN(11)
B18
711.60
D_AN(13)
A20
711.60
D_AN(15)
B19
711.58
D_AP(1)
H20
711.66
D_AP(3)
G19
711.61
D_AP(5)
G18
711.59
D_AP(7)
D18
711.60
D_AP(9)
D20
711.59
D_AP(11)
A18
711.58
D_AP(13)
B20
711.59
D_AP(15)
A19
711.59
D_BN(1)
K20
711.61
LVDS
I
LVDS pair for Data Bus B
D_BN(3)
J19
711.59
D_BN(5)
L18
711.59
D_BN(7)
M18
711.6
D_BN(9)
P20
711.6
D_BN(11)
R18
711.59
D_BN(13)
T20
711.59
D_BN(15)
R19
711.59
D_BP(1)
J20
711.61
D_BP(3)
K19
711.6
D_BP(5)
K18
711.58
D_BP(7)
N18
711.58
D_BP(9)
N20
711.6
D_BP(11)
T18
711.61
D_BP(13)
R20
711.59
D_BP(15)
T19
711.6
DCLK_AN
D19
711.59
I
LVDS pair for Data Clock A
DCLK_AP
E19
711.59
DCLK_BN
N19
711.6
I
LVDS pair for Data Clock B
DCLK_BP
M19
711.61
DATA CONTROL INPUTS
SCTRL_AN
F20
711.62
I
LVDS pair for Serial Control (Sync) A
SCTRL_AP
E20
711.6
SCTRL_BN
L20
711.59
I
LVDS pair for Serial Control (Sync) B
SCTRL_BP
M20
711.59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com