Electronic Components Datasheet Search
  English  ▼

X  

DLP650LE Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DLP650LE
Description  0.65 WXGA DMD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP650LE Datasheet(HTML) 12 Page - Texas Instruments

Back Button DLP650LE Datasheet HTML 8Page - Texas Instruments DLP650LE Datasheet HTML 9Page - Texas Instruments DLP650LE Datasheet HTML 10Page - Texas Instruments DLP650LE Datasheet HTML 11Page - Texas Instruments DLP650LE Datasheet HTML 12Page - Texas Instruments DLP650LE Datasheet HTML 13Page - Texas Instruments DLP650LE Datasheet HTML 14Page - Texas Instruments DLP650LE Datasheet HTML 15Page - Texas Instruments DLP650LE Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
12
DLP650LE
DLPS095 – NOVEMBER 2017
www.ti.com
Product Folder Links: DLP650LE
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
The DMD is designed to conduct absorbed and dissipated heat to the back of the package. The cooling system must be capable of
maintaining the package within the temperature range specified in the Recommended Operating Conditions.
The total heat load on the DMD is largely driven by the incident light absorbed by the active area, although other contributions include
light energy absorbed by the window aperture and electrical power dissipation of the array.
Optical systems should be designed to minimize the light energy falling outside the window clear aperture since any additional thermal
load in this area can significantly degrade the reliability of the device.
6.5 Thermal Information
THERMAL METRIC
DLP650LE
UNIT
FYL Package
149 PINS
Thermal resistance, active area to test point 1 (TP1)(1)
0.50
°C/W
(1)
Applies to LVCMOS pins only. Excludes LVDS pins and test pad pins.
(2)
To prevent excess current, the supply voltage delta |VCCI – VCC| must be less than the specified limit in Recommended Operating
Conditions.
(3)
To prevent excess current, the supply voltage delta |VBIAS – VOFFSET| must be less than the specified limit in Recommended Operating
Conditions.
6.6 Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output voltage
VCC = 3 V, IOH = – 20 mA
2.4
V
VOL
Low level output voltage
VCC = 3.6 V, IOL = 15 mA
0.4
V
IOZ
High impedance output current
VCC = 3.6 V
10
µA
IIL
Low level input current
VCC = 3.6 V, VI = 0
–60
µA
IIH
High level input current (1)
VCC = 3.6 V, VI = VCC
200
µA
ICC
Supply current VCC (2)
VCC = 3.6 V
479
mA
ICCI
Supply current VCCI (2)
VCCI = 3.6 V
309
mA
IOFFSET
Supply current VOFFSET (3)
VOFFSET = 8.75 V
25
mA
Supply Input Power Total
3060
mW
6.7 Capacitance at Recommended Operating Conditions
Over operating free-air temperature range, ƒ = 1 MHz (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
CI
Input capacitance
10
pF
CO
Output capacitance
10
pF
CIM
MBRST(15:0) Input capacitance
1280 × 800 array all inputs interconnected
230
290
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com