Electronic Components Datasheet Search
  English  ▼

X  

DLP650LE Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DLP650LE
Description  0.65 WXGA DMD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP650LE Datasheet(HTML) 10 Page - Texas Instruments

Back Button DLP650LE Datasheet HTML 6Page - Texas Instruments DLP650LE Datasheet HTML 7Page - Texas Instruments DLP650LE Datasheet HTML 8Page - Texas Instruments DLP650LE Datasheet HTML 9Page - Texas Instruments DLP650LE Datasheet HTML 10Page - Texas Instruments DLP650LE Datasheet HTML 11Page - Texas Instruments DLP650LE Datasheet HTML 12Page - Texas Instruments DLP650LE Datasheet HTML 13Page - Texas Instruments DLP650LE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
10
DLP650LE
DLPS095 – NOVEMBER 2017
www.ti.com
Product Folder Links: DLP650LE
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
Over operating free-air temperature range (unless otherwise noted).
(1)
MIN NOM
MAX
UNIT
(8)
See LVDS Timing Requirements in Timing Requirements and Figure 6.
(9)
See Figure 5 LVDS Waveform Requirements.
(10) Simultaneous exposure of the DMD to the maximum Recommended Operating Conditions for temperature and UV illumination will
reduce device lifetime.
(11) The array temperature cannot be measured directly and must be computed analytically from the temperature measured at test point 1
(TP1) shown in Figure 10 and the package thermal resistance using the Micromirror Array Temperature Calculation.
(12) Long-term is defined as the usable life of the device.
(13) Per Figure 1, the maximum operational array temperature should be derated based on the micromirror landed duty cycle that the DMD
experiences in the end application. See Micromirror Landed-On/Landed-Off Duty Cycle for a definition of micromirror landed duty cycle.
(14) Array temperatures beyond those specified as long-term are recommended for short-term conditions only (power-up). Short-term is
defined as cumulative time over the usable life of the device and is less than 500 hours.
(15) The locations of thermal test points TP2, TP3, TP4, and TP5 in Figure 10 are intended to measure the highest window edge
temperature. For most applications, the locations shown are representative of the highest window edge temperature. If a particular
application causes additional points on the window edge to be at a higher temperature, test points should be added to those locations.
(16) The maximum marginal ray angle of the incoming illumination light at any point in the micromirror array, including Pond of Micromirrors
(POM), should not exceed 55 degrees from the normal to the device array plane. The device window aperture has not necessarily been
designed to allow incoming light at higher maximum angles to pass to the micromirrors, and the device performance has not been tested
nor qualified at angles exceeding this. Illumination light exceeding this angle outside the micromirror array (including POM) will
contribute to thermal limitations described in this document, and may negatively affect lifetime.
(17) Temperature delta is the highest difference between the ceramic test point 1 (TP1) and anywhere on the window edge as shown in
Figure 10. The window test points TP2, TP3, TP4, and TP5 shown in Figure 10 are intended to result in the worst case delta
temperature. If a particular application causes another point on the window edge to result in a larger delta temperature, that point should
be used.
(18) The average over time (including storage and operating) that the device is not in the ‘elevated dew point temperature range'.
(19) Exposure to dew point temperatures in the elevated range during storage and operation should be limited to less than a total
cumulative time of CTELR.
tSCP_OUT_EN
Time required for SCP output buffer to recover after SCPENZ
(from tri-state).
192/ƒDCLK
s
tSCP_PW_ENZ
SCPENZ inactive pulse width (high level)
1
1/ƒscpclk
tr
Rise Time (20% to 80%). See (7)
200
ns
tf
Fall time (80% to 20%). See (7)
200
ns
LVDS INTERFACE
ƒCLOCK
Clock frequency for LVDS interface (all channels), DCLK(8)
320
330
MHz
|VID|
Input differential voltage (absolute value)(9)
100
400
600
mV
VCM
Common mode voltage(9)
1200
mV
VLVDS
LVDS voltage(9)
0
2000
mV
tLVDS_RSTZ
Time required for LVDS receivers to recover from PWRDNZ
10
ns
ZIN
Internal differential termination resistance
95
105
Ω
ZLINE
Line differential impedance (PWB/trace)
85
90
95
Ω
ENVIRONMENTAL
TARRAY
Array temperature, long–term operational(10)(11)(12)
10
40 to 70(13)
°C
Array temperature, short–term operational(11)(14)
0
10
°C
TWINDOW
Window temperature (all part numbers except *1280-6434B)
(15) (16)
10
90
°C
Window temperature (part number 1280-6434B)(15)
10
85
T|DELTA |
Absolute temperature delta between any point on the window
edge and the ceramic test point TP1. (17)
26
°C
TDP -AVG
Average dew point average temperature (non–condensing)(18)
28
°C
TDP-ELR
Elevated dew point temperature range (non-condensing)(19)
28
36
°C
CTELR
Cumulative time in elevated dew point temperature range
24
Months
ILLUV
Illumination Wavelengths < 395 nm(10)
0.68
2.00
mW/cm2
ILLVIS
Illumination Wavelengths between 395 nm and 800 nm
Thermally limited
mW/cm2
ILLIR
Illumination Wavelengths > 800 nm
10
mW/cm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com