Electronic Components Datasheet Search
  English  ▼

X  

DLP650LE Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DLP650LE
Description  0.65 WXGA DMD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP650LE Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLP650LE Datasheet HTML 4Page - Texas Instruments DLP650LE Datasheet HTML 5Page - Texas Instruments DLP650LE Datasheet HTML 6Page - Texas Instruments DLP650LE Datasheet HTML 7Page - Texas Instruments DLP650LE Datasheet HTML 8Page - Texas Instruments DLP650LE Datasheet HTML 9Page - Texas Instruments DLP650LE Datasheet HTML 10Page - Texas Instruments DLP650LE Datasheet HTML 11Page - Texas Instruments DLP650LE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
DLP650LE
DLPS095 – NOVEMBER 2017
www.ti.com
Product Folder Links: DLP650LE
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are referenced to common ground VSS. VBIAS, VCC, VCCI, VOFFSET, and VRESET power supplies are all required for all DMD
operating modes.
(3)
Exceeding the recommended allowable voltage difference between VCC and VCCI may result in excessive current draw.
(4)
The maximum LVDS input voltage rating applies when each input of a differential pair is at the same voltage potential.
(5)
The highest temperature of the active array (as calculated using Micromirror Array Temperature Calculation) or of any point along the
window edge as defined in Figure 10. The locations of thermal test points TP2, TP3, TP4, and TP5 in Figure 10 are intended to
measure the highest window edge temperature. If a particular application causes another point on the window edge to be at a higher
temperature, then that point should be used.
(6)
Temperature delta is the highest difference between the ceramic test point 1 (TP1) and anywhere on the window edge as shown in
Figure 10. The window test points TP2, TP3, TP4, and TP5 shown in Figure 10 are intended to result in the worst case delta. If a
particular application causes another point on the window edge to result in a larger delta temperature, then that point should be used.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted).
(1)
MIN
MAX
UNIT
SUPPLY VOLTAGES
VCC
Supply voltage for LVCMOS core logic(2)
–0.5
4
V
VCCI
Supply voltage for LVDS Interface (2)
–0.5
4
V
VOFFSET
Micromirror Electrode and HVCMOS voltage(2)
–0.5
9
V
VMBRST
Input voltage for MBRST(15:0) (2)
–28
28
V
|VCCI – VCC|
Supply voltage delta (absolute value)(3)
0.3
V
INPUT VOLTAGES
Input voltage for all other input pins(2)
–0.5
VCC + 0.3
V
|VID|
Input differential voltage (absolute value)(4)
700
mV
CLOCKS
ƒCLOCK
Clock frequency for LVDS interface, DCLK_A
400
MHz
ƒCLOCK
Clock frequency for LVDS interface, DCLK_B
400
MHz
ENVIRONMENTAL
TARRAY and TWINDOW
Temperature, operating(5)
0
90
°C
Temperature, non–operating(5)
–40
90
°C
|TDELTA|
Absolute Temperature delta between any point on the window edge and the
ceramic test point TP1(6)
30
°C
TDP
Dew point temperature, operating and non–operating (noncondensing)
81
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com