Electronic Components Datasheet Search
  English  ▼

X  

MCP165X Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP165X
Description  MCP165X 3W White LED Demo Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP165X Datasheet(HTML) 3 Page - Microchip Technology

  MCP165X Datasheet HTML 1Page - Microchip Technology MCP165X Datasheet HTML 2Page - Microchip Technology MCP165X Datasheet HTML 3Page - Microchip Technology MCP165X Datasheet HTML 4Page - Microchip Technology MCP165X Datasheet HTML 5Page - Microchip Technology MCP165X Datasheet HTML 6Page - Microchip Technology MCP165X Datasheet HTML 7Page - Microchip Technology MCP165X Datasheet HTML 8Page - Microchip Technology MCP165X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MCP165X 3W WHITE LED
DEMO BOARD USER’S GUIDE
 2004 Microchip Technology Inc.
DS51513A-page iii
Table of Contents
Preface ........................................................................................................................... 1
Chapter 1. Product Overview ........................................................................................ 5
1.1
Introduction ............................................................................................... 5
1.2
Evaluation Board Description ................................................................... 5
1.3
How it is used ........................................................................................... 7
1.4
How it works ............................................................................................. 8
Appendix A. Schematic and Board Layouts ............................................................... 9
A.1
Introduction ............................................................................................... 9
A.2
Board Schematic
.................................................................................. 10
A.3
Top Silk-Screen
.................................................................................... 11
A.4
Top Metal Layer .................................................................................... 12
A.5
Bottom Silk-Screen Layer (Top View) ................................................... 13
A.6
Bottom Metal Layer ............................................................................... 14
Appendix B. Bill-of-Materials (BOM) ......................................................................... 15
Worldwide Sales and Service .................................................................................... 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com