Electronic Components Datasheet Search
  English  ▼

X  

MCP165X Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP165X
Description  MCP165X 3W White LED Demo Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP165X Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP165X Datasheet HTML 7Page - Microchip Technology MCP165X Datasheet HTML 8Page - Microchip Technology MCP165X Datasheet HTML 9Page - Microchip Technology MCP165X Datasheet HTML 10Page - Microchip Technology MCP165X Datasheet HTML 11Page - Microchip Technology MCP165X Datasheet HTML 12Page - Microchip Technology MCP165X Datasheet HTML 13Page - Microchip Technology MCP165X Datasheet HTML 14Page - Microchip Technology MCP165X Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Product Overview
 2004 Microchip Technology Inc.
DS51513A-page 7
1.3
HOW IT IS USED
1.3.1
Standard Operation
1.
Verify that the on/off switch S1 is in the off position.
2.
Insert three fully-charged batteries into the battery holder. The combined voltage
of the three batteries can not exceed 6.0V. The recommended range of the input
voltage is 2.0V to 4.5V.
3.
Move the S1 switch to the on position. The 3W white LED should now be
powered.
1.3.2
Demonstration Mode Operation
As described in Section 1.2 “Evaluation Board Description”, the MCP165X 3W
White LED Demo Board can be set into a demonstration mode of operation. The
following procedure describes how to initiate the demonstration mode.
1.
Refer to Section 1.3.1 “Standard Operation” to verify the proper connection of
the input voltage supply.
2.
Move the S1 switch to the ON position. The LED should be powered.
3.
Press and hold the momentary switch S2. Release the switch after a minimum of
two seconds. The MCP165X 3W White LED Demo Board will enter the
Demonstration mode. Once the Demonstration mode is complete, the LED will
be powered at full brightness.
1.3.3
Flashing Mode Operation
1.
Refer to Section 1.3.1 “Standard Operation” to verify the proper connection of
the input voltage supply.
2.
Move the S1 switch to the on position. The LED should be powered.
3.
Press and release the momentary switch S2. The 3W LED will now be in a
dimmed state and stay in this state until the momentary switch is pressed again.
4.
Press and release the momentary switch S2 again. The 3W LED will now begin
to flash at a predetermined rate.
5.
Press and release the momentary switch S2 again. The 3W LED will now begin
to flash slower predetermined rate.
6.
Press and release the momentary switch S2 again. The 3W LED will return to full
brightness.
Note 1:
Alternately, the input voltage can be provided by a lab power supply.
Apply a 2.0V to 4.5V supply voltage to the VIN (TP1) pin and the GND
(TP2) pin.
2:
Before connecting a lab power supply, remove any batteries from the
battery holder located on the bottom of the board.
Note:
See Section 1.2 “Evaluation Board Description” for a description of the
brightness and flashing sequences preprogrammed into the on-board
PIC10F206.
Note:
Anytime the momentary switch S2 is pressed for more than two seconds,
the MCP165X 3W White LED Demo Board will enter the Demonstration
mode of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com