Electronic Components Datasheet Search
  English  ▼

X  

MCP165X Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP165X
Description  MCP165X 3W White LED Demo Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP165X Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP165X Datasheet HTML 12Page - Microchip Technology MCP165X Datasheet HTML 13Page - Microchip Technology MCP165X Datasheet HTML 14Page - Microchip Technology MCP165X Datasheet HTML 15Page - Microchip Technology MCP165X Datasheet HTML 16Page - Microchip Technology MCP165X Datasheet HTML 17Page - Microchip Technology MCP165X Datasheet HTML 18Page - Microchip Technology MCP165X Datasheet HTML 19Page - Microchip Technology MCP165X Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MCP165X 3W White LED Demo Board User’s Guide
DS51513A-page 12
 2004 Microchip Technology Inc.
A.4
TOP METAL LAYER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com