Electronic Components Datasheet Search
  English  ▼

X  

MCP165X Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP165X
Description  MCP165X 3W White LED Demo Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP165X Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP165X Datasheet HTML 6Page - Microchip Technology MCP165X Datasheet HTML 7Page - Microchip Technology MCP165X Datasheet HTML 8Page - Microchip Technology MCP165X Datasheet HTML 9Page - Microchip Technology MCP165X Datasheet HTML 10Page - Microchip Technology MCP165X Datasheet HTML 11Page - Microchip Technology MCP165X Datasheet HTML 12Page - Microchip Technology MCP165X Datasheet HTML 13Page - Microchip Technology MCP165X Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MCP165X 3W White LED Demo Board User’s Guide
DS51513A-page 6
 2004 Microchip Technology Inc.
The MCP1651R has a low input voltage status indicator that will provide visual
indication (via a red LED) when the input voltage is approaching 2.8V.
FIGURE 1-1:
MCP165X 3W White LED Demo Board Flow Chart
Power-Up
LED @ Full Power
Constantly On
Switch
Pressed
for 2 sec?
LED Dimmed by ~50%
by Toggling SHDN
LED Flashing @
Fast Rate
LED Flashing @
Slow Rate
Automatically
Run Through
Demo
Yes
No
No
Yes
No
Yes
Yes
No
Switch
Pressed
for 2 sec?
Switch
Pressed
for 2 sec?
Switch
Pressed
for 2 sec?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com