Electronic Components Datasheet Search
  English  ▼

X  

MCP165X Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP165X
Description  MCP165X 3W White LED Demo Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP165X Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP165X Datasheet HTML 8Page - Microchip Technology MCP165X Datasheet HTML 9Page - Microchip Technology MCP165X Datasheet HTML 10Page - Microchip Technology MCP165X Datasheet HTML 11Page - Microchip Technology MCP165X Datasheet HTML 12Page - Microchip Technology MCP165X Datasheet HTML 13Page - Microchip Technology MCP165X Datasheet HTML 14Page - Microchip Technology MCP165X Datasheet HTML 15Page - Microchip Technology MCP165X Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MCP165X 3W White LED Demo Board User’s Guide
DS51513A-page 8
 2004 Microchip Technology Inc.
1.4
HOW IT WORKS
1.4.1
MCP1650/1/2/3 Functions
The MCP1650/1/2/3 product family consists of four high-frequency, boost converter
devices having different combinations of features. All devices in the family feature
750 kHz high-frequency, low quiescent current, shutdown compatibility and the MSOP
package. The MCP1650 is the base device in an 8-pin MSOP package. The MCP1651
includes all of the features of the MCP1650, with the addition of a low-battery detect
and a low-battery output indicator. The MCP1652 includes all of the features of the
MCP1650, with the addition of a power good indicator. The MCP1653 has all the
features of the MCP1650/1/2 and is offered in a 10-pin MSOP package.
1.4.2
Power Topology and Output Regulation
The topology used to convert the wide ranging input voltage into a regulated output
voltage is the SEPIC topology. This topology allows the input voltage to be stepped-up
or stepped-down and provides protection if the switching FET fails.
The output current is regulated by using a sense resistor to change the white LED
current into a voltage. This voltage is then fed into the voltage reference pin on the
MCP1651R. Please refer to the MCP1650/1/2/3 data sheet (DS21876) for more
information regarding output regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com