Electronic Components Datasheet Search
  English  ▼

X  

MCP165X Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP165X
Description  MCP165X 3W White LED Demo Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP165X Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP165X Datasheet HTML 2Page - Microchip Technology MCP165X Datasheet HTML 3Page - Microchip Technology MCP165X Datasheet HTML 4Page - Microchip Technology MCP165X Datasheet HTML 5Page - Microchip Technology MCP165X Datasheet HTML 6Page - Microchip Technology MCP165X Datasheet HTML 7Page - Microchip Technology MCP165X Datasheet HTML 8Page - Microchip Technology MCP165X Datasheet HTML 9Page - Microchip Technology MCP165X Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MCP165X 3W White LED Demo Board User’s Guide
DS51513A-page 2
 2004 Microchip Technology Inc.
Conventions Used in this Guide
This manual uses the following documentation conventions:
RECOMMENDED READING
This user's guide describes how to use MCP165X 3W White LED Demo Board (Rev.
1). Other useful documents are listed below. The following Microchip documents are
available and recommended as supplemental reference resources.
MCP1650 750 kHz Boost Controller Data Sheet (DS21876)
The data sheet provides detailed information regarding the MCP1650/51/52/53 family
of boost controllers.
DOCUMENTATION CONVENTIONS
Description
Represents
Examples
Arial font:
Italic characters
Referenced books
MPLAB® IDE User’s Guide
Emphasized text
...is the only compiler...
Initial caps
A window
the Output window
A dialog
the Settings dialog
A menu selection
select Enable Programmer
Quotes
A field name in a window or
dialog
“Save project before build”
Underlined, italic text with
right angle bracket
A menu path
File>Save
Bold characters
A dialog button
Click OK
A tab
Click the Power tab
‘bnnnn
A binary number where n is a
digit
‘b00100, ‘b10
Text in angle brackets < >
A key on the keyboard
Press <Enter>, <F1>
Courier font:
Plain Courier
Sample source code
#define START
Filenames
autoexec.bat
File paths
c:\mcc18\h
Keywords
_asm, _endasm, static
Command-line options
-Opa+, -Opa-
Bit values
0, 1
Italic Courier
A variable argument
file.o
, where file can be
any valid filename
0xnnnn
A hexadecimal number where
n
is a hexadecimal digit
0xFFFF
, 0x007A
Square brackets [ ]
Optional arguments
mcc18 [options] file
[options]
Curly brackets and pipe
character: { | }
Choice of mutually exclusive
arguments; an OR selection
errorlevel {0|1}
Ellipses...
Replaces repeated text
var_name [,
var_name...]
Represents code supplied by
user
void main (void)
{ ...
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com