Electronic Components Datasheet Search
  English  ▼

X  

SLG46121V Datasheet(PDF) 50 Page - Dialog Semiconductor

Part # SLG46121V
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121V Datasheet(HTML) 50 Page - Dialog Semiconductor

Back Button SLG46121V Datasheet HTML 46Page - Dialog Semiconductor SLG46121V Datasheet HTML 47Page - Dialog Semiconductor SLG46121V Datasheet HTML 48Page - Dialog Semiconductor SLG46121V Datasheet HTML 49Page - Dialog Semiconductor SLG46121V Datasheet HTML 50Page - Dialog Semiconductor SLG46121V Datasheet HTML 51Page - Dialog Semiconductor SLG46121V Datasheet HTML 52Page - Dialog Semiconductor SLG46121V Datasheet HTML 53Page - Dialog Semiconductor SLG46121V Datasheet HTML 54Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 98 page
background image
000-0046121--106
Page 49 of 97
SLG46121
10.3 3-Bit LUT or Pipe Delay Macrocell
There is one macrocell that can serve as either a 3-bit LUT or as a Pipe Delay.
When used to implement LUT functions, the 3-bit LUT take in three input signals from the connection matrix and produces a single
output, which goes back into the connection matrix.
When used as an 8-stage pipe delay, there are three inputs signals from the matrix, Input (IN), Clock (CLK) and Reset (nRESET).
The pipe delay macrocell is built from 8 D Flip-Flop logic cells that provide three register shifted options, two of which are user
selectable. The DFF cells are tied in series where the output (Q) of each delay cell goes to the next DFF cell. The first delay option
(1 PIPE OUT) is fixed at the output of the first flip-flop stage. The other two outputs (OUT0 and OUT1) provide user selectable
options for 1 to 8 stages of delay.
The overall time of the delay is based on the clock used in the SLG46121 design. Each DFF cell has a time delay of the inverse
of the clock time (either external clock or the RC Oscillator within the SLG46121). The sum of the number of DFF cells used will
be the total time delay of the Pipe Delay logic cell.
Figure 19. 3-bit LUT4 or Pipe Delay
3-bit LUT8 OUT
IN1
IN0
reg <495:488>
From Connection
Matrix Output <41>
From Connection
Matrix Output <42>
IN2
From Connection
Matrix Output <43>
8 Flip-Flops
IN
nReset
CK
From Connection
Matrix Output <42>
From Connection
Matrix Output <41>
From Connection
Matrix Output <43>
reg <493:491>
reg <490:488>
To Connection
Matrix Input<28>
OUT1
OUT0
reg <690>
1
0
To Connection
Matrix Input<20>
reg <500>
0
1
To Connection
Matrix Input<11>
PIPE OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com