Electronic Components Datasheet Search
  English  ▼

X  

SLG46121V Datasheet(PDF) 58 Page - Dialog Semiconductor

Part # SLG46121V
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121V Datasheet(HTML) 58 Page - Dialog Semiconductor

Back Button SLG46121V Datasheet HTML 54Page - Dialog Semiconductor SLG46121V Datasheet HTML 55Page - Dialog Semiconductor SLG46121V Datasheet HTML 56Page - Dialog Semiconductor SLG46121V Datasheet HTML 57Page - Dialog Semiconductor SLG46121V Datasheet HTML 58Page - Dialog Semiconductor SLG46121V Datasheet HTML 59Page - Dialog Semiconductor SLG46121V Datasheet HTML 60Page - Dialog Semiconductor SLG46121V Datasheet HTML 61Page - Dialog Semiconductor SLG46121V Datasheet HTML 62Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 98 page
background image
000-0046121--106
Page 57 of 97
SLG46121
10.6.1 Programmable Delay Register Settings
Table 47. Programmable Delay Register Settings
Signal Function
Register Bit
Address
Register Definition
Programmable
delay or filter output
select
reg <746>
0: programmable delay output
1: filter output
Select the edge
mode of
programmable
delay & edge
detector
reg <745:744>
00: Rising Edge Detector
01: Falling Edge Detector
10: Both Edge Detector
11: Both Edge Delay
Delay value select
for programmable
delay & edge
detector
(VDD = 3.3V, typical
condition)
reg <743:742>
00: 163 ns
01: 305 ns
10: 446 ns
11: 588 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com