Electronic Components Datasheet Search
  English  ▼

X  

SLG46121V Datasheet(PDF) 56 Page - Dialog Semiconductor

Part # SLG46121V
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121V Datasheet(HTML) 56 Page - Dialog Semiconductor

Back Button SLG46121V Datasheet HTML 52Page - Dialog Semiconductor SLG46121V Datasheet HTML 53Page - Dialog Semiconductor SLG46121V Datasheet HTML 54Page - Dialog Semiconductor SLG46121V Datasheet HTML 55Page - Dialog Semiconductor SLG46121V Datasheet HTML 56Page - Dialog Semiconductor SLG46121V Datasheet HTML 57Page - Dialog Semiconductor SLG46121V Datasheet HTML 58Page - Dialog Semiconductor SLG46121V Datasheet HTML 59Page - Dialog Semiconductor SLG46121V Datasheet HTML 60Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 98 page
background image
000-0046121--106
Page 55 of 97
SLG46121
10.5 Programmable Delay / Edge Detector
The SLG46121 has a programmable time delay logic cell available that can generate a delay that is selectable from one of four
timings (time1) configured in the GreenPAK Designer. The programmable time delay cell can generate one of four different delay
patterns, rising edge detection, falling edge detection, both edge detection and both edge delay. These four patterns can be further
modified with the addition of delayed edge detection, which adds an extra unit of delay as well as glitch rejection during the delay
period. See the timing diagrams below for further information.
Note
: The input signal must be longer than the delay, otherwise it will be filtered out.
10.6 Programmable Delay Timing Diagram - Edge Detector Output
Figure 22. Programmable Delay
Figure 23. Edge Detector Output
Programmable
Delay
OUT
IN
reg <743:742>
From Connection
Matrix Output <58>
To Connection
Matrix Input <29>
reg <745:744>
Edge Mode Selection
Delay Value Selection
1
0
reg <746>
Deglitch Filter Out
1
0
reg <746>
Deglitch Filter In
time1
Edge Detector
Output
IN
Rising Edge Detector
Falling Edge Detector
Both Edge Detector
Both Edge Delay
time1
time1 can be set by register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com