Electronic Components Datasheet Search
  English  ▼

X  

AD5522 Datasheet(PDF) 32 Page - Analog Devices

Part # AD5522
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD5522 Datasheet HTML 28Page - Analog Devices AD5522 Datasheet HTML 29Page - Analog Devices AD5522 Datasheet HTML 30Page - Analog Devices AD5522 Datasheet HTML 31Page - Analog Devices AD5522 Datasheet HTML 32Page - Analog Devices AD5522 Datasheet HTML 33Page - Analog Devices AD5522 Datasheet HTML 34Page - Analog Devices AD5522 Datasheet HTML 35Page - Analog Devices AD5522 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
Data Sheet
AD5522
Rev. E | Page 31 of 64
When the AD5522 is placed in high-Z mode, the clamp circuit
is always configured to monitor the measure current signal
(irrespective of which high-Z mode is selected, high-Z V or
high-Z I). At this time, the clamp circuit is also comparing to
the voltage clamp levels. Because the device is in high-Z mode,
the measure current signal is at zero, but zero for the measure
current is always the VMID voltage set by the offset DAC. For
default offset DAC conditions, this causes no concern. For other
settings of the offset DAC, the zero point follows the VMID,
and as the clamp circuit is comparing the voltage clamp levels
to the measure current signal, there may be instances where
the voltage clamp levels cause the alarm to flag during high-Z
mode. To avoid this, the clamps can be disabled when going
into high-Z mode.
CURRENT RANGE SELECTION
Integrated thin film resistors minimize the need for external
components and allow easy selection of any of these current
ranges: ±5 µA (200 kΩ), ±20 μA (50 kΩ), ±200 μA (5 kΩ), and
±2 mA (500 Ω). One current range up to ±80 mA can be
accommodated per channel by connecting an external sense
resistor. For current ranges in excess of ±80 mA, it is necessary
that an external amplifier be used.
For the suggested current ranges, the maximum voltage drop
across the sense resistors is ±1 V. However, to allow for error
correction, there is some overrange available in the current
ranges (±12.5% or ±0.125 V across RSENSE). The full-scale
voltage range that can be loaded to the FIN DAC is ±11.5 V;
the forced current can be calculated as follows:
FI = 4.5 × VREF × ((DAC_CODE − 32,768)/216)/(RSENSE ×
MI_Amplifier_Gain)
where:
FI is the forced current.
RSENSE is the selected sense resistor.
MI_Amplifier_Gain is the gain of the measure current
instrumentation amplifier. This gain can be set to 5 or 10
via the serial interface.
In the ±200 μA range with the 5 kΩ sense resistor and an ISENSE
gain of 10, the maximum current range possible is ±225 μA.
Similarly, for the other current ranges, there is an overrange of
12.5% to allow for error correction.
Also, the forced current range is the quoted full-scale range only
with an applied reference of 5 V or 2.5 V (with ISENSE amplifier
gain = 5). The ISENSE amplifier is biased by the VMID DAC
voltage in such a way as to center the measure current output
irrespective of the voltage span used.
When using the EXTFOHx outputs for current ranges up to
±80 mA, there is no switch in series with the EXTFOHx line,
ensuring minimum capacitance present at the output of the
force amplifier. This feature is important when using a pin
electronics driver to provide high current ranges.
HIGH CURRENT RANGES
With the use of an external high current amplifier, one high
current range in excess of ±80 mA is possible. The high current
amplifier buffers the force output and provides the drive for the
required current.
To eliminate any timing concerns when switching between the
internal ranges and the external high current range, there is a
mode where the internal ±80 mA stage can be enabled at all
times. See Table 26 for more information.
DUTGND
MEASVHx
DUT
RSENSE
RSENSE
EXTMEASIHx
EXTMEASILx
FOHx
EXTFOHx
HIGH
CURRENT
AMPLIFIER
CFFx
FIN
INTERNAL RANGE SELECT
(±5µA, ±20µA, ±200µA, ±2mA)
DAC
–
–
–
–
–
–
+
+
+
–
+
+
+
+
×5 or ×10
×1
AGND
MEASOUTx
×1 OR
×0.2
4k
Ω
2kΩ
VMID TO
CENTER
I RANGE
4k
Ω
EN
Figure 47. Addition of High Current Amplifier for Wider Current Range (>±80 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com