Electronic Components Datasheet Search
  English  ▼

X  

AD5522 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5522
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5522 Datasheet HTML 13Page - Analog Devices AD5522 Datasheet HTML 14Page - Analog Devices AD5522 Datasheet HTML 15Page - Analog Devices AD5522 Datasheet HTML 16Page - Analog Devices AD5522 Datasheet HTML 17Page - Analog Devices AD5522 Datasheet HTML 18Page - Analog Devices AD5522 Datasheet HTML 19Page - Analog Devices AD5522 Datasheet HTML 20Page - Analog Devices AD5522 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 65 page
background image
AD5522
Data Sheet
Rev. E | Page 16 of 64
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
PIN 1
AD5522
TOP VIEW
EXPOSED PAD ON BOTTOM
(Not to Scale)
1
AVDD
2
CFF0
3
CCOMP0
4
EXTMEASIH0
5
EXTMEASIL0
6
FOH0
7
GUARD0
8
GUARDIN0/DUTGND0
9
MEASVH0
10
AGND
11
AGND
12
MEASVH2
13
GUARDIN2/DUTGND2
14
GUARD2
15
FOH2
16
EXTMEASIL2
17
EXTMEASIH2
18
CCOMP2
19
CFF2
20
AVDD
21 22 23 24 25 26 27 28 29 30 31
32 33 34 35 36 37
38 39 40
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
41
AVDD
42
CFF3
43
CCOMP3
44
EXTMEASIH3
45
EXTMEASIL3
46
FOH3
47
GUARD3
48
GUARDIN3/DUTGND3
49
MEASVH3
50
AGND
51
AGND
52
MEASVH1
53
GUARDIN1/DUTGND1
54
GUARD1
55
FOH1
56
EXTMEASIL1
57
EXTMEASIH1
58
CCOMP1
59
CFF1
60
AVDD
NOTES
1. THE EXPOSED PAD IS INTERNALLY ELECTRICALLY CONNECTED TO AVSS. FOR ENHANCED THERMAL, ELECTRICAL,
AND BOARD LEVEL PERFORMANCE, THE EXPOSED PADDLE ON THE BOTTOM OF THE PACKAGE SHOULD BE SOLDERED
TO A CORRESPONDING THERMAL LAND PADDLE ON THE PCB.
Figure 8. Pin Configuration, Exposed Pad on Bottom
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
Exposed pad
The exposed pad is internally electrically connected to AVSS. For enhanced thermal, electrical, and board level
performance, the exposed paddle on the bottom of the package should be soldered to a corresponding
thermal land paddle on the PCB.
1, 20, 41,
60, 74
AVDD
Positive Analog Supply Voltage.
2
CFF0
External Capacitor for Channel 0. This pin optimizes the stability and settling time performance of the force
amplifier when in force voltage mode. See the Compensation Capacitors section.
3
CCOMP0
Compensation Capacitor Input for Channel 0. See the Compensation Capacitors section.
4
EXTMEASIH0
Sense Input (High Sense) for High Current Range (Channel 0).
5
EXTMEASIL0
Sense Input (Low Sense) for High Current Range (Channel 0).
6
FOH0
Force Output for Internal Current Ranges (Channel 0).
7
GUARD0
Guard Output Drive for Channel 0.
8
GUARDIN0/
DUTGND0
Guard Amplifier Input for Channel 0/DUTGND Input for Channel 0. This dual function pin is configured via the
serial interface. The default function at power-on is GUARDIN0. If this pin is configured as a DUTGND input for
the channel, the input to the guard amplifier is internally connected to MEASVH0. For more information, see
the Device Under Test Ground (DUTGND) section and the Guard Amplifier section.
9
MEASVH0
DUT Voltage Sense Input (High Sense) for Channel 0.
10, 11, 50,
51, 69
AGND
Analog Ground. These pins are the reference points for the analog supplies and the measure circuitry.
12
MEASVH2
DUT Voltage Sense Input (High Sense) for Channel 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com