Electronic Components Datasheet Search
  English  ▼

X  

AD5522 Datasheet(PDF) 63 Page - Analog Devices

Part # AD5522
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522 Datasheet(HTML) 63 Page - Analog Devices

Back Button AD5522 Datasheet HTML 57Page - Analog Devices AD5522 Datasheet HTML 58Page - Analog Devices AD5522 Datasheet HTML 59Page - Analog Devices AD5522 Datasheet HTML 60Page - Analog Devices AD5522 Datasheet HTML 61Page - Analog Devices AD5522 Datasheet HTML 62Page - Analog Devices AD5522 Datasheet HTML 63Page - Analog Devices AD5522 Datasheet HTML 64Page - Analog Devices AD5522 Datasheet HTML 65Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 63 / 65 page
background image
AD5522
Data Sheet
Rev. E | Page 62 of 64
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-ADD-HD
0.27
0.22
0.17
1
20
21
40
40
61
80
60
41
14.20
14.00 SQ
13.80
12.20
12.00 SQ
11.80
0.50 BSC
LEAD PITCH
0.75
0.60
0.45
1.20
MAX
1
20
21
61
80
60
41
1.05
1.00
0.95
0.20
0.09
0.08 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
0° MIN
7°
3.5°
0°
0.15
0.05
VIEW A
PIN 1
TOP VIEW
(PINS DOWN)
9.50
BSC SQ
BOTTOM VIEW
(PINS UP)
EXPOSED
PAD
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 60. 80-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
SV-80-3
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MS-026-ADD-HU
0.27
0.22
0.17
1
20
21
40
40
61
80
60
41
14.20
14.00 SQ
13.80
12.20
12.00 SQ
11.80
0.50 BSC
LEAD PITCH
0.75
0.60
0.45
1.20
MAX
1
20
21
61
80
60
41
1.05
1.00
0.95
0.20
0.09
0.08 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
0° MIN
7°
3.5°
0°
0.15
0.05
VIEW A
PIN 1
TOP VIEW
(PINS DOWN)
6.50
BSC
9.50
BSC
BOTTOM VIEW
(PINS UP)
EXPOSED
PAD
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 61. 80-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
SV-80-2
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com