Electronic Components Datasheet Search
  English  ▼

X  

AD5522 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5522
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522 Datasheet(HTML) 5 Page - Analog Devices

  AD5522 Datasheet HTML 1Page - Analog Devices AD5522 Datasheet HTML 2Page - Analog Devices AD5522 Datasheet HTML 3Page - Analog Devices AD5522 Datasheet HTML 4Page - Analog Devices AD5522 Datasheet HTML 5Page - Analog Devices AD5522 Datasheet HTML 6Page - Analog Devices AD5522 Datasheet HTML 7Page - Analog Devices AD5522 Datasheet HTML 8Page - Analog Devices AD5522 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
AD5522
Data Sheet
Rev. E | Page 4 of 64
GENERAL DESCRIPTION
The AD5522 is a high performance, highly integrated parametric
measurement unit consisting of four independent channels. Each
per-pin parametric measurement unit (PPMU) channel includes
five 16-bit, voltage output DACs that set the programmable input
levels for the force voltage inputs, clamp inputs, and comparator
inputs (high and low). Five programmable force and measure
current ranges are available, ranging from ±5 µA to ±80 mA.
Four of these ranges use on-chip sense resistors; one high current
range up to ±80 mA is available per channel using off-chip sense
resistors. Currents in excess of ±80 mA require an external ampli-
fier. Low capacitance DUT connections (FOHx and EXTFOHx)
ensure that the device is suited to relayless test systems.
The PMU functions are controlled via a simple 3-wire serial
interface compatible with SPI, QSPI™, MICROWIRE™, and DSP
interface standards. Interface clocks of 50 MHz allow fast updating
of modes. The low voltage differential signaling (LVDS) interface
protocol at 83 MHz is also supported. Comparator outputs are
provided per channel for device go-no-go testing and character-
ization. Control registers allow the user to easily change force or
measure conditions, DAC levels, and selected current ranges.
The SDO (serial data output) pin allows the user to read back
information for diagnostic purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com