Electronic Components Datasheet Search
  English  ▼

X  

AD5522 Datasheet(PDF) 41 Page - Analog Devices

Part # AD5522
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD5522 Datasheet HTML 37Page - Analog Devices AD5522 Datasheet HTML 38Page - Analog Devices AD5522 Datasheet HTML 39Page - Analog Devices AD5522 Datasheet HTML 40Page - Analog Devices AD5522 Datasheet HTML 41Page - Analog Devices AD5522 Datasheet HTML 42Page - Analog Devices AD5522 Datasheet HTML 43Page - Analog Devices AD5522 Datasheet HTML 44Page - Analog Devices AD5522 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
AD5522
Data Sheet
Rev. E | Page 40 of 64
CIRCUIT OPERATION
FORCE VOLTAGE (FV) MODE
Most PMU measurements are performed in force voltage/measure
current (FVMI) mode, for example, when the device is used as a
device power supply, or in continuity or leakage testing. In force
voltage (FV) mode, the voltage forced is mapped directly to the
DUT. The measure voltage amplifier completes the loop, giving
negative feedback to the forcing amplifier (see Figure 54).
The forced voltage can be calculated as follows:
Forced Voltage at DUT = VOUT
VOUT = 4.5 × VREF × (DAC_CODE/216) − (3.5 × VREF ×
(OFFSET_DAC_CODE/216)) + DUTGND
where:
VOUT is the voltage of the FIN DAC (see the DAC Levels
section).
DUTGND
MEASVHx
DUT
RSENSE
(UP TO
±80mA)
RSENSE
EXTMEASIHx
EXTMEASILx
FOHx
EXTFOHx
CFFx
FIN
FORCE
AMPLIFIER
INTERNAL RANGE SELECT
(±5µA, ±20µA, ±200µA, ±2mA)
DAC
–
–
–
–
–
–
+
+
+
–
+
+
+
+
×5 OR
×10
×1
AGND
MEASURE VOLTAGE AMPLIFIER
MEASOUTx
VMID TO
CENTER
I RANGE
×1 OR
×0.2
4k
Ω
2kΩ
4k
Ω
Figure 54. Forcing Voltage, Measuring Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com