Electronic Components Datasheet Search
  English  ▼

X  

AD5522 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5522
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5522 Datasheet HTML 19Page - Analog Devices AD5522 Datasheet HTML 20Page - Analog Devices AD5522 Datasheet HTML 21Page - Analog Devices AD5522 Datasheet HTML 22Page - Analog Devices AD5522 Datasheet HTML 23Page - Analog Devices AD5522 Datasheet HTML 24Page - Analog Devices AD5522 Datasheet HTML 25Page - Analog Devices AD5522 Datasheet HTML 26Page - Analog Devices AD5522 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
AD5522
Data Sheet
Rev. E | Page 22 of 64
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
60,000
50,000
40,000
30,000
20,000
10,000
0
CODE
DNL
INL
TA = 25°C
Figure 10. Force Voltage Linearity vs. Code, All Ranges,
1 LSB = 0.0015% FSR (20 V FSR)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
60,000
50,000
40,000
30,000
20,000
10,000
0
CODE
DNL
INL
TA = 25°C
Figure 11. Force Current Linearity vs. Code, All Ranges,
1 LSB = 0.0015% FSR (20 V FSR)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
60,000
50,000
40,000
30,000
20,000
10,000
0
CODE
DNL
INL
TA = 25°C
Figure 12. Measure Voltage Linearity vs. Code, All Ranges,
1 LSB = 0.0015% FSR (20 V FSR), MEASOUTx Gain = 1
0.0020
–0.0005
0
0.0005
0.0010
0.0015
0
10,000
20,000
30,000
40,000
50,000
60,000
CODE
NOM: AVDD = +16.5V, AVSS = –16.6V,
OFFSET DAC = 0XA492
HIGH: AVDD = +28V, AVSS = –5V,
OFFSET DAC = 0X0
LOW: AVDD = +10V, AVSS = –23V,
OFFSET DAC = 0xEDB7
Figure 13. Measure Voltage Linearity vs. Code, All Ranges,
MEASOUTx Gain = 0.2
5
4
3
2
1
0
–1
–2
–3
–4
–5
60,000
50,000
40,000
30,000
20,000
10,000
0
CODE
DNL
INL
TA = 25°C
Figure 14. Measure Current Linearity vs. Code, All Ranges,
1 LSB = 0.0015% FSR (20 V FSR), MI Gain = 10, MEASOUTx Gain = 1
0.035
–0.001
–0.005
0
0.005
0.010
0.015
0.020
0.025
0.030
0
10,000
20,000
30,000
40,000
50,000
60,000
CODE
AVDD = +15.5V, AVSS = –15.5V,
OFFSET DAC = 0xA492
AVDD = +28V, AVSS = –5V,
OFFSET DAC = 0x0
AVDD = +10V, AVSS = –23V,
OFFSET DAC = 0xEDB7
Figure 15. Measure Current Linearity vs. Code, All Ranges,
MEASOUTx Gain = 0.2, MI Gain = 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com