Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000BCPZ Datasheet(PDF) 42 Page - Analog Devices

Part # ADAS1000BCPZ
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BCPZ Datasheet(HTML) 42 Page - Analog Devices

Back Button ADAS1000BCPZ Datasheet HTML 38Page - Analog Devices ADAS1000BCPZ Datasheet HTML 39Page - Analog Devices ADAS1000BCPZ Datasheet HTML 40Page - Analog Devices ADAS1000BCPZ Datasheet HTML 41Page - Analog Devices ADAS1000BCPZ Datasheet HTML 42Page - Analog Devices ADAS1000BCPZ Datasheet HTML 43Page - Analog Devices ADAS1000BCPZ Datasheet HTML 44Page - Analog Devices ADAS1000BCPZ Datasheet HTML 45Page - Analog Devices ADAS1000BCPZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Rev. B | Page 42 of 80
PACING ARTIFACT DETECTION FUNCTION
(ADAS1000 ONLY)
The pacing artifact validation function qualifies potential
pacing artifacts and measures the width and amplitude of valid
pulses. These parameters are stored in and available from any of
the pace data registers (Address 0x1A, and Address 0x3A to
Address 0x3C). This function runs in parallel with the ECG
channels. Digital detection is performed using a state machine
operating on the 128 kHz 16-bit data from the ECG decimation
chain. The main ECG signals are further decimated before
appearing in the 2 kHz output stream so that detected pace
signals are not perfectly time-aligned with fully-filtered ECG
data. This time difference is deterministic and can be
compensated for.
The pacing artifact validation function can detect and
measure pacing artifacts with widths from 100 μs to 2 ms
and with amplitudes of <400 μV to >1000 mV. Its filters are
designed to reject heartbeat, noise, and minute ventilation
pulses. The flowchart for the pace detection algorithm is
shown in Figure 74.
The ADAS1000 pace algorithm can operate with the ac lead-off
and respiration impedance measurement circuitry enabled.
Once a valid pace is detected in the assigned leads, the pace-
detected flags appear in the header word (see Table 54) at the
start of the packet of ECG words. These bits indicate that a pace
is qualified. Further information on height and width of pace is
available by reading the contents of Address 0x1A (PACEDATA
register, see Table 44). This word can be included in the ECG
data packet/frame as dictated by the frame control register (see
Table 37). The data available in the PACEDATA register is
limited to seven bits total for width and height information;
therefore, if more resolution is required on the pace height
and width, this is available by issuing read commands of the
PACExDATA registers (Address 0x3A to Address 0x3C) as
shown in Table 53.
The on-chip filtering contributes some delay to the pace signal
(see the Pace Latency section).
Choice of Leads
Three identical and independent state machines are available
and can be configured to run on up to three of four possible
leads (Lead I, Lead II, Lead III, and aVF) for pacing artifact
detection. Any necessary lead calculations are performed
internally and are independent of ECG channel settings for
output data rate, low-pass filter cutoff, and mode (electrode,
analog lead, common electrode). These calculations take into
account the available front-end configurations as detailed in
Table 15.
The pace detection algorithm searches for pulses by analyzing
samples in the 128 kHz ECG data stream. The algorithm
searches for a leading edge, a peak, and a trailing edge as
defined by values in the PACEEDGETH, PACEAMPTH, and
PACELVLTH registers, along with fixed width qualifiers. The
post-reset default register values can be overwritten via the SPI
bus, and different values can be used for each of the three pace
detection state machines.
Some users may not want to use three pace leads for detection.
In this case, Lead II is the vector of choice, because this lead is
likely to display the best pacing artifact. The other two pace
instances can be disabled if not in use.
The first step in pace detection is to search the data stream for a
valid leading edge. Once a candidate edge is detected, the algorithm
begins searching for a second, opposite-polarity edge that meets
with pulse width criteria and passes the (optional) noise filters.
Only those pulses meeting all the criteria are flagged as valid
pace pulses. Detection of a valid pace pulse sets the flag or flags
in the frame header register and stores amplitude and width
information in the PACEDATA register (Address 0x1A; see
Table 44). The pace algorithm looks for a negative or positive pulse.
Table 15. Pace Lead Calculation
0x01 [10]1
0x05 [8]2
Configuration
0x04 [8:3]3
00
01
10
11
Lead I
(LA − RA)
Lead II
(LL − RA)
Lead III
(LL − LA)
aVF
(Lead II + Lead III)/2
0
0
Digital leads
LA – RA
CH1 − CH3
LL – RA
CH2 − CH3
LL – LA
CH2 − CH1
LL − (LA + RA)/2
CH2 − (CH1 + CH3)/2
0
1
Common
electrode lead A
Lead I
CH1
Lead II
CH2
Lead II – Lead I
CH2 − CH1
Lead II − 0.5 × Lead I
CH2 − 0.5 × CH1
1
X
Analog leads
Lead I
CH1
Lead II
−CH3
Lead III
CH2
Lead II − 0.5 × Lead I − CH3 − 0.5 × CH1
1 Register ECGCTL, Bit CHCONFIG, see Table 28.
2 Register CMREFCTL, Bit CEREFEN, see Table 32.
3 Register PACECTL, Bit PACExSEL [1:0], see Table 31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com