Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000BCPZ Datasheet(PDF) 65 Page - Analog Devices

Part # ADAS1000BCPZ
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BCPZ Datasheet(HTML) 65 Page - Analog Devices

Back Button ADAS1000BCPZ Datasheet HTML 61Page - Analog Devices ADAS1000BCPZ Datasheet HTML 62Page - Analog Devices ADAS1000BCPZ Datasheet HTML 63Page - Analog Devices ADAS1000BCPZ Datasheet HTML 64Page - Analog Devices ADAS1000BCPZ Datasheet HTML 65Page - Analog Devices ADAS1000BCPZ Datasheet HTML 66Page - Analog Devices ADAS1000BCPZ Datasheet HTML 67Page - Analog Devices ADAS1000BCPZ Datasheet HTML 68Page - Analog Devices ADAS1000BCPZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
Table 37. Frame Control Register (FRMCTL) Address 0x0A, Reset Value = 0x079000
R/W
Default
Bit
Name
Function
R/W
0
23
LEAD I/LADIS
Include/exclude word from ECG data frame. If the electrode/lead is included in the data-
word and the electrode falls off, the data-word is undefined.
R/W
0
22
LEADII/LLDIS
R/W
0
21
LEADIII/RADIS
0 (default) = included in frame.
R/W
0
20
V1DIS
1 = exclude from frame.
R/W
0
19
V2DIS
R/W
1111
[18:15]
Reserved
Reserved, set to 1111.
R/W
0
14
PACEDIS1
Pace detection.
0 (default) = included in frame.
1 = exclude from frame.
R/W
0
13
RESPMDIS1
Respiration magnitude.
0 (default) = included in frame.
1 = exclude from frame.
R/W
1
12
RESPPHDIS1
Respiration phase.
0 = included in frame.
1 (default) = exclude from frame.
R/W
0
11
LOFFDIS
Lead-off status.
0 (default) = included in frame.
1 = exclude from frame.
R/W
0
10
GPIODIS
GPIO word disable.
0 (default) = included in frame.
1 = exclude from frame.
R/W
0
9
CRCDIS
CRC word disable.
0 (default) = included in frame.
1 = exclude from frame.
R/W
0
8
RESERVED
Reserved, set to 0.
R/W
0
7
ADIS
Automatically excludes PACEDIS[14], RESPMDIS[13], LOFFDIS[11] words if their flags are
not set in the header.
0 (default) = fixed frame format.
1 = autodisable words (words per frame changes).
R/W
0
6
RDYRPT
Ready repeat. If this bit is set and the frame header indicates data is not ready, the frame
header is continuously sent until data is ready.
0 (default) = always send entire frame.
1 = repeat frame header until ready.
R/W
0
5
Reserved
Reserved, set to 0 .
R/W
0
4
DATAFMT
Sets the output data format, see Figure 58.
0 (default) = digital lead/vector format (available only in 2 kHz and 16 kHz data rates).
1 = electrode format.
R/W
00
[3:2]
SKIP[1:0]
Skip interval. This field provides a way to decimate the data.
00 (default) = output every frame.
01 = output every other frame.
1× = output every 4th frame.
R/W
00
[1:0]
FRMRATE[1:0]
Sets the output data rate.
00 (default) = 2 kHz output data rate.
01 = 16 kHz output data rate.
10 = 128 kHz output data rate (DATAFMT must be set to 1).
11 = 31.25 Hz.
1
ADAS1000 model only, ADAS1000-1/ADAS1000-2 models do not contain these features.
Rev. B | Page 65 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com