Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000BCPZ Datasheet(PDF) 62 Page - Analog Devices

Part # ADAS1000BCPZ
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BCPZ Datasheet(HTML) 62 Page - Analog Devices

Back Button ADAS1000BCPZ Datasheet HTML 58Page - Analog Devices ADAS1000BCPZ Datasheet HTML 59Page - Analog Devices ADAS1000BCPZ Datasheet HTML 60Page - Analog Devices ADAS1000BCPZ Datasheet HTML 61Page - Analog Devices ADAS1000BCPZ Datasheet HTML 62Page - Analog Devices ADAS1000BCPZ Datasheet HTML 63Page - Analog Devices ADAS1000BCPZ Datasheet HTML 64Page - Analog Devices ADAS1000BCPZ Datasheet HTML 65Page - Analog Devices ADAS1000BCPZ Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Table 33. GPIO Control Register (GPIOCTL) Address 0x06, Reset Value = 0x000000
R/W
Default
Bit
Name
Function
0
[23:19]
Reserved
Reserved, set to 0
R/W
0
18
SPIFW
Frame secondary SPI words with chip select
0 (default) = MCS asserted for entire frame
1 = MCS asserted for individual word
R/W
0
17
Reserved
Reserved, set to 0
R/W
0
16
SPIEN
Secondary SPI enable (ADAS1000 and ADAS1000-1 only); SPI interface providing ECG data at
128 kHz data rate for external digital pace algorithm detection, uses GPIO0, GPIO1, GPIO2 pins
0 (default) = disabled
1 = enabled; he individual control bits for GPIO0, GPIO1, GPIO2 are ignored; GPIO3 is not affected by SPIEN
R/W
00
[15:14]
G3CTL [1:0]
State of GPIO3 pin
00 (default) = high impedance
01 = input
10 = output
11 = open drain
R/W
0
13
G3OUT
Output value to be written to GPIO3 when the pin is configured as an output or open drain
0 (default) = low value
1 = high value
R
0
12
G3IN
Read only; input value read from GPIO3 when the pin is configured as an input
0 (default) = low value
1 = high value
R/W
00
[11:10]
G2CTL [1:0]
State of GPIO2 pin
00 (default) = high impedance
01 = input
10 = output
11 = open drain
R/W
0
9
G2OUT
Output value to be written to GPIO2 when the pin is configured as an output or open drain
0 (default) = low value
1 = high value
R
0
8
G2IN
Read only Input value read from GPIO2 when the pin is configured as an input
0 (default) = low value
1 = high value
R/W
00
[7:6]
G1CTL [1:0]
State of GPIO1 pin
00 (default) = high impedance
01 = input
10 = output
11 = open drain
R/W
0
5
G1OUT
Output value to be written to GPIO1 when the pin is configured as an output or open drain
0 (default) = low value
1 = high value
R
0
4
G1IN
Read only; input value read from GPIO1 when the pin is configured as an input
0 (default) = low value
1 = high value
R/W
00
[3:2]
G0CTL [1:0]
State of the GPIO0 pin
00 (default) = high impedance
01 = input
10 = output
11 = open drain
R/W
0
1
G0OUT
Output value to be written to GPIO0 when pin is configured as an output or open drain
0 (default) = low value
1 = high value
R
0
0
G0IN
(Read only) input value read from GPIO0 when pin is configured as an input
0 (default) = low value
1 = high value
Rev. B | Page 62 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com