Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000BCPZ Datasheet(PDF) 70 Page - Analog Devices

Part # ADAS1000BCPZ
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BCPZ Datasheet(HTML) 70 Page - Analog Devices

Back Button ADAS1000BCPZ Datasheet HTML 66Page - Analog Devices ADAS1000BCPZ Datasheet HTML 67Page - Analog Devices ADAS1000BCPZ Datasheet HTML 68Page - Analog Devices ADAS1000BCPZ Datasheet HTML 69Page - Analog Devices ADAS1000BCPZ Datasheet HTML 70Page - Analog Devices ADAS1000BCPZ Datasheet HTML 71Page - Analog Devices ADAS1000BCPZ Datasheet HTML 72Page - Analog Devices ADAS1000BCPZ Datasheet HTML 73Page - Analog Devices ADAS1000BCPZ Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Table 49. Operating State Register (OPSTAT) Address 0x1F, Reset Value = 0x0000001
R/W
Default
Bit
Name
Function
R
0
[23:4]
Reserved
Reserved.
R
0
3
Internal error
Internal digital failure. This is set if an error is detected in the digital core.
R
0
2
Configuration status
This bit is set after a reset indicating that the configuration has not been read yet.
Once the configuration is set, this bit is ready.
0 = ready.
1 = busy.
R
0
1
PLL lock
PLL lock lost. This bit is set if the internal PLL loses lock after it is enabled and locked.
This bit is cleared once this register is read or the PWREN bit (Address 0x01[1]) is cleared.
0 = PLL locked.
1 = PLL lost lock.
R
0
0
PLL locked status
This bit indicates the current state of the PLL locked status.
0 = PLL not locked.
1 = PLL locked.
1
This register is not part of framing data, but can be read by issuing a register read command of this address. This register assists support efforts giving insight into
potential areas of malfunction within a failing device.
Table 50. Extended Switch for Respiration Inputs Register (EXTENDSW) Address 0x20, Reset Value = 0x000000
R/W
Default
Bit
Name
Switch
Function
R/W
0
23
EXT_RESP_RA to ECG1_LA
SW1a
External respiration electrode input switch to channel electrode input (see
Figure 72).1
22
EXT_RESP_RA to ECG2_LL
SW1b
21
EXT_RESP_RA to ECG3_RA
SW1c
0 = switch open.
20
EXT_RESP_RA to ECG4_V1
SW1d
1 = switch closed.
19
EXT_RESP_RA to ECG5_V2
SW1e
18
EXT_RESP_LL to ECG1_LA
SW2a
17
EXT_RESP_LL to ECG2_LL
SW2b
16
EXT_RESP_LL to ECG3_RA
SW2c
15
EXT_RESP_LL to ECG4_V1
SW2d
14
EXT_RESP_LL to ECG5_V2
SW2e
13
EXT_RESP_LA to ECG1_LA
SW3a
12
EXT_RESP_LA to ECG2_LL
SW3b
11
EXT_RESP_LA to ECG3_RA
SW3c
10
EXT_RESP_LA to ECG4_V1
SW3d
9
EXT_RESP_LA to ECG5_V2
SW3e
R/W
0
8
AUX_V1
V1 and V2 electrodes can be used for measurement purposes other than ECG.
R/W
0
7
AUX_V2
To achieve this, they must be disconnected from the patient VCM voltage
provided from the internal common-mode buffer and, instead, connected to
the internal VCM_REF level of 1.3 V.
Setting the AUX_Vx bits high connects the negative input of the V1 and V2
channel amplifier to internal VCM_REF level. This allows the user to make
alternative measurements on V1 and V2 relative to the VCM_REF level.
Note that the V1 and V2 measurements are now being made outside of the
right leg drive loop, therefore there is increased noise on the measurement
as a result.
R/W
0
[6:0]
Reserved
Reserved, set to 0.
1
ADAS1000 model only, ADAS1000-1/ADAS1000-2 models do not contain these EXT_RESP_xx pins.
Rev. B | Page 70 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com