Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000BCPZ Datasheet(PDF) 78 Page - Analog Devices

Part # ADAS1000BCPZ
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BCPZ Datasheet(HTML) 78 Page - Analog Devices

Back Button ADAS1000BCPZ Datasheet HTML 72Page - Analog Devices ADAS1000BCPZ Datasheet HTML 73Page - Analog Devices ADAS1000BCPZ Datasheet HTML 74Page - Analog Devices ADAS1000BCPZ Datasheet HTML 75Page - Analog Devices ADAS1000BCPZ Datasheet HTML 76Page - Analog Devices ADAS1000BCPZ Datasheet HTML 77Page - Analog Devices ADAS1000BCPZ Datasheet HTML 78Page - Analog Devices ADAS1000BCPZ Datasheet HTML 79Page - Analog Devices ADAS1000BCPZ Datasheet HTML 80Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 78 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
POWER SUPPLY, GROUNDING, AND DECOUPLING
STRATEGY
The ADAS1000/ADAS1000-1/ADAS1000-2 must have ample
supply decoupling of 0.01 μF on each supply pin located as close
to the device pin as possible, ideally right up against the device.
In addition, there must be one 4.7 μF capacitor for each of the
power domains, AVDD and IOVDD, again located as close to
the device as possible. IOVDD is best split from AVDD due to
its noisy nature.
Similarly, the ADCVDD and DVDD power domains each
require one 2.2 μF capacitor with ESR in the range of 0.5 Ω to
2 Ω. The ideal location for each 2.2 μF capacitor is dependent
on package type. For the LQFP package and DVDD decoupling,
the 2.2 μF capacitor is best placed between Pin 30 and Pin 31,
while for ADCVDD, place the 2.2 μF capacitor between Pin 55
and Pin 56. Similarly for the LFCSP package, the DVDD 2.2 μF
capacitor is ideal between Pin 43 and Pin 44, and between Pin 22
and Pin 23 for ADCVDD. A 0.01 μF capacitor is recommended
for high frequency decoupling at each pin. The 0.01 μF capacitors
must have low effective series resistance (ESR) and effective series
inductance (ESL), such as the common ceramic capacitors that
provide a low impedance path to ground at high frequencies to
handle transient currents due to internal logic switching.
Avoid digital lines running under the device because these
couple noise onto the device. Allow the analog ground plane to
run under the device to avoid noise coupling. The power supply
lines must use as large a trace as possible to provide low impedance
paths and reduce the effects of glitches on the power supply
line. Shield fast switching digital signals with digital ground to
avoid radiating noise to other parts of the board and never run
them near the reference inputs. It is essential to minimize noise
on VREF lines. Avoid crossover of digital and analog signals.
Traces on opposite sides of the board must run at right angles to
each other. This reduces the effects of feedthrough throughout
the board. As is the case for all thin packages, take care to avoid
flexing the package and to avoid a point load on the surface of
this package during the assembly process.
During layout of board, ensure that bypass capacitors are placed
as close to the relevant pin as possible, with short, wide traces
ideally on the topside.
AVDD
While the ADAS1000/ADAS1000-1/ADAS1000-2 are
designed to operate from a wide supply rail, 3.15 V to 5.5 V,
the performance is similar over the full range, but overall
power increases with increasing voltage.
ADCVDD AND DVDD SUPPLIES
The AVDD supply rail powers the analog blocks in addition to
the internal 1.8 V regulators for the ADC and the digital core.
If using the internal regulators, connect the VREG_EN pin to
AVDD and then use the ADCVDD and DVDD pins for
decoupling purposes.
The DVDD regulator can be used to drive other external digital
circuitry as required; however the ADCVDD pin is purely
provided for bypassing purposes and does not have available
current for other components.
Where overall power consumption must be minimized, using
external 1.8 V supply rails for both ADCVDD and DVDD
would provide a more efficient solution. The ADCVDD and
DVDD inputs have been designed to be driven externally and
the internal regulators can be disabled by tying VREG_EN pin
directly to ground.
UNUSED PINS/PATHS
In applications where not all ECG paths or functions might be
used, the preferred method of biasing the different functions is
as follows:
•
Unused ECG paths power up disabled. For low power
operation, keep them disabled throughout operation.
Ideally, connect these pins to RLD_OUT if not being used.
•
Unused external respiration inputs can be tied to ground if
not in use.
•
If unused, the shield driver can be disabled and output left
to float.
•
CM_OUT, CAL_DAC_IO, DRDY, GPIOx, CLK_IO,
SYNC_GANG can be left open.
LAYOUT RECOMMENDATIONS
To maximize CMRR performance, pay careful attention to
the ECG path layout for each channel. All channels must be
identical to minimize difference in capacitance across the paths.
Place all decoupling as close to the ADAS1000/ADAS1000-1/
ADAS1000-2 devices as possible, with an emphasis on ensuring
that the VREF decoupling be prioritized, with VREF decoupling
on the same side as the ADAS1000/ADAS1000-1/ADAS1000-2
devices, where possible.
Rev. B | Page 78 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com