Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000BCPZ Datasheet(PDF) 43 Page - Analog Devices

Part # ADAS1000BCPZ
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BCPZ Datasheet(HTML) 43 Page - Analog Devices

Back Button ADAS1000BCPZ Datasheet HTML 39Page - Analog Devices ADAS1000BCPZ Datasheet HTML 40Page - Analog Devices ADAS1000BCPZ Datasheet HTML 41Page - Analog Devices ADAS1000BCPZ Datasheet HTML 42Page - Analog Devices ADAS1000BCPZ Datasheet HTML 43Page - Analog Devices ADAS1000BCPZ Datasheet HTML 44Page - Analog Devices ADAS1000BCPZ Datasheet HTML 45Page - Analog Devices ADAS1000BCPZ Datasheet HTML 46Page - Analog Devices ADAS1000BCPZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
Rev. B | Page 43 of 80
Detection Algorithm Overview
The pace pulse amplitude and width varies over a wide range,
while its shape is affected by both the internal filtering arising
from the decimation process and the low pass nature of the
electrodes, cabling, and components used for defibrillation and
ESIS protection. The ADAS1000 provides user programmable
variables to optimize the performance of the algorithm within
the ECG system, given all these limiting elements. The default
parameter values are probably not optimal for any particular
system design; experimentation and evaluation are needed to
ensure robust performance.
Figure 73. Typical Pace Signal
The first step in pace detection is to search the data stream for a
valid leading edge. Once a candidate edge is detected, the algorithm
verifies that the signal looks like a pulse and then begins searching
for a second, opposite polarity edge that meets the pulse width
and amplitude criteria and passes the optional noise filters. Only
the pulses meeting all requirements are flagged as valid pace pulses.
Detection of a valid pace pulse sets the flag or flags in the frame
header register and stores amplitude and width information in
the PACEDATA register (Address 0x1A; see Table 34).
The pace algorithm detects pulses of both negative and positive
polarity using a single set of parameters by tracking the slope of
the leading edge and making the necessary adjustments to internal
parameter signs. This frees the user to concentrate on determining
appropriate threshold values based on pulse shape without
concern for pulse polarity.
Figure 74. Overview of Pace Algorithm
The three user controlled parameters for the pace detection
algorithm are Pace Amplitude Threshold (PACEAMPTH), Pace
Level Threshold (PACELVLTH), and Pace Edge Threshold
(PACEEDGETH).
PACEAMPTH
PACE WIDTH
LEADING EDGE
LEADING EDGE STOP
PACELVLTH
PACEEDGETH
RECHARGE
PULSE
PACE
PULSE
NO
ENABLE PACE DETECTION
SELECT LEADS
FLAG PACE DETECTED
TRAILING
EDGE
DETECTED?
START
START PULSE
WIDTH TIMER
START NOISE
FILTERS (if enabled)
NOISE FILTER
PASSED?
PULSE WIDTH
> 100µs AND <2ms
UPDATE REGISTERS WITH
WIDTH AND HEIGHT
NO
NO
YES
YES
YES
START PACE DETECTION
ALGORITHM
NO
FIND
LEADING EDGE
A > PACEEDGETH?
YES
NO
FIND
END OF
LEADING EDGE
B < PACELVL
YES
PACE AMPLITUDE
>PACEAMPTH
NO
YES
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com