Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28062 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28062
Description  Piccolo Microcontrollers
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28062 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320F28062 Datasheet HTML 25Page - Texas Instruments TMS320F28062 Datasheet HTML 26Page - Texas Instruments TMS320F28062 Datasheet HTML 27Page - Texas Instruments TMS320F28062 Datasheet HTML 28Page - Texas Instruments TMS320F28062 Datasheet HTML 29Page - Texas Instruments TMS320F28062 Datasheet HTML 30Page - Texas Instruments TMS320F28062 Datasheet HTML 31Page - Texas Instruments TMS320F28062 Datasheet HTML 32Page - Texas Instruments TMS320F28062 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 179 page
background image
tw(RSL1)
th(boot-mode)(C)
V
V
(3.3 V)
DDIO
DDA
,
INTOSC1
X1/X2
XRS
(D)
Boot-Mode
Pins
V
(1.8 V)
DD
XCLKOUT
User-code dependent
User-code dependent
Boot-ROM execution starts
Peripheral/GPIO function
Based on boot code
GPIO pins as input
t
OSCST
Address/Data/
Control
(Internal)
Address/data valid, internal boot-ROM code execution phase
User-code execution phase
td(EX)
t
INTOSCST
(A)
(B)
I/O Pins
GPIO pins as input [state depends on internal pullup/pulldown (PU/PD)]
User-code dependent
(E)
29
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
www.ti.com
SPRS698F – NOVEMBER 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
5.12 Power Sequencing
There is no power sequencing requirement needed to ensure the device is in the proper state after reset
or to prevent the I/Os from glitching during power up or power down (GPIO19, GPIO26–27, GPIO34–38
do not have glitch-free I/Os). No voltage larger than a diode drop (0.7 V) above VDDIO should be applied to
any digital pin before powering up the device. Voltages applied to pins on an unpowered device can bias
internal p-n junctions in unintended ways and produce unpredictable results.
A.
Upon power up, SYSCLKOUT is OSCCLK/4. Since the XCLKOUTDIV bits in the XCLK register come up with a reset
state of 0, SYSCLKOUT is further divided by 4 before it appears at XCLKOUT. XCLKOUT = OSCCLK/16 during this
phase.
B.
Boot ROM configures the DIVSEL bits for /1 operation. XCLKOUT = OSCCLK/4 during this phase. Note that
XCLKOUT will not be visible at the pin until explicitly configured by user code.
C.
After reset, the boot ROM code samples Boot Mode pins. Based on the status of the Boot Mode pin, the boot code
branches to destination memory or boot code function. If boot ROM code executes after power-on conditions (in
debugger environment), the boot code execution time is based on the current SYSCLKOUT speed. The SYSCLKOUT
will be based on user environment and could be with or without PLL enabled.
D.
Using the XRS pin is optional due to the on-chip POR circuitry.
E.
The internal pullup or pulldown will take effect when BOR is driven high.
Figure 5-5. Power-on Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com