Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28062 Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28062
Description  Piccolo Microcontrollers
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28062 Datasheet(HTML) 94 Page - Texas Instruments

Back Button TMS320F28062 Datasheet HTML 90Page - Texas Instruments TMS320F28062 Datasheet HTML 91Page - Texas Instruments TMS320F28062 Datasheet HTML 92Page - Texas Instruments TMS320F28062 Datasheet HTML 93Page - Texas Instruments TMS320F28062 Datasheet HTML 94Page - Texas Instruments TMS320F28062 Datasheet HTML 95Page - Texas Instruments TMS320F28062 Datasheet HTML 96Page - Texas Instruments TMS320F28062 Datasheet HTML 97Page - Texas Instruments TMS320F28062 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 179 page
background image
AIO
MUX
COMP x A
COMP x B
COMP x
+
DAC x
Wrapper
DAC
Core
10-Bit
+
-
COMP
COMPxOUT
GPIO
MUX
TZ1/2/3
ePWM
94
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
SPRS698F – NOVEMBER 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
6.9.2.3
Comparator Block
Figure 6-30 shows the interaction of the Comparator modules with the rest of the system.
Figure 6-30. Comparator Block Diagram
Table 6-31. Comparator Control Registers
REGISTER
NAME
COMP1
ADDRESS
COMP2
ADDRESS
COMP3
ADDRESS
SIZE
(×16)
EALLOW
PROTECTED
DESCRIPTION
COMPCTL
0x6400
0x6420
0x6440
1
Yes
Comparator Control Register
COMPSTS
0x6402
0x6422
0x6442
1
No
Comparator Status Register
DACCTL
0x6404
0x6424
0x6444
1
Yes
DAC Control Register
DACVAL
0x6406
0x6426
0x6446
1
No
DAC Value Register
RAMPMAXREF_
ACTIVE
0x6408
0x6428
0x6448
1
No
Ramp Generator Maximum Reference
(Active) Register
RAMPMAXREF_
SHDW
0x640A
0x642A
0x644A
1
No
Ramp Generator Maximum Reference
(Shadow) Register
RAMPDECVAL_
ACTIVE
0x640C
0x642C
0x644C
1
No
Ramp Generator Decrement Value (Active)
Register
RAMPDECVAL_
SHDW
0x640E
0x642E
0x644E
1
No
Ramp Generator Decrement Value
(Shadow) Register
RAMPSTS
0x6410
0x6430
0x6450
1
No
Ramp Generator Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com