Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28062 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28062
Description  Piccolo Microcontrollers
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28062 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TMS320F28062 Datasheet HTML 75Page - Texas Instruments TMS320F28062 Datasheet HTML 76Page - Texas Instruments TMS320F28062 Datasheet HTML 77Page - Texas Instruments TMS320F28062 Datasheet HTML 78Page - Texas Instruments TMS320F28062 Datasheet HTML 79Page - Texas Instruments TMS320F28062 Datasheet HTML 80Page - Texas Instruments TMS320F28062 Datasheet HTML 81Page - Texas Instruments TMS320F28062 Datasheet HTML 82Page - Texas Instruments TMS320F28062 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 179 page
background image
79
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
www.ti.com
SPRS698F – NOVEMBER 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
6.9
Peripherals
6.9.1
Control Law Accelerator (CLA) Overview
The control law accelerator extends the capabilities of the C28x CPU by adding parallel processing. Time-
critical control loops serviced by the CLA can achieve low ADC sample to output delay. Thus, the CLA
enables faster system response and higher frequency control loops. Using the CLA for time-critical tasks
frees up the main CPU to perform other system and communication functions concurently. The following is
a list of major features of the CLA.
•
Clocked at the same rate as the main CPU (SYSCLKOUT).
•
An independent architecture allowing CLA algorithm execution independent of the main C28x CPU.
–
Complete bus architecture:
•
Program address bus and program data bus
•
Data address bus, data read bus, and data write bus
–
Independent eight-stage pipeline.
–
12-bit program counter (MPC)
–
Four 32-bit result registers (MR0–MR3)
–
Two 16-bit auxillary registers (MAR0, MAR1)
–
Status register (MSTF)
•
Instruction set includes:
–
IEEE single-precision (32-bit) floating-point math operations
–
Floating-point math with parallel load or store
–
Floating-point multiply with parallel add or subtract
–
1/X and 1/sqrt(X) estimations
–
Data type conversions.
–
Conditional branch and call
–
Data load and store operations
•
The CLA program code can consist of up to eight tasks or interrupt service routines.
–
The start address of each task is specified by the MVECT registers.
–
No limit on task size as long as the tasks fit within the CLA program memory space.
–
One task is serviced at a time through to completion. There is no nesting of tasks.
–
Upon task completion, a task-specific interrupt is flagged within the PIE.
–
When a task finishes, the next highest-priority pending task is automatically started.
•
Task trigger mechanisms:
–
C28x CPU through the IACK instruction
–
Task1 to Task7: the corresponding ADC, ePWM, eQEP, or eCAP module interrupt. For example:
•
Task1: ADCINT1 or EPWM1_INT
•
Task2: ADCINT2 or EPWM2_INT
•
Task4: ADCINT4 or EPWM4_INT or EQEPx_INT or ECAPx_INT
•
Task7: ADCINT7 or EPWM7_INT or EQEPx_INT or ECAPx_INT
–
Task8: ADCINT8 or by CPU Timer 0 or EQEPx_INT or ECAPx_INT.
•
Memory and Shared Peripherals:
–
Two dedicated message RAMs for communication between the CLA and the main CPU.
–
The C28x CPU can map CLA program and data memory to the main CPU space or CLA space.
–
The CLA has direct access to the ADC Result registers, comparator registers, and the eCAP, eQEP, and
ePWM+HRPWM registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com