Electronic Components Datasheet Search
  English  ▼

X  

X4643 Datasheet(PDF) 12 Page - Xicor Inc.

Part # X4643
Description  CPU Supervisor with 64K EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X4643 Datasheet(HTML) 12 Page - Xicor Inc.

Back Button X4643 Datasheet HTML 8Page - Xicor Inc. X4643 Datasheet HTML 9Page - Xicor Inc. X4643 Datasheet HTML 10Page - Xicor Inc. X4643 Datasheet HTML 11Page - Xicor Inc. X4643 Datasheet HTML 12Page - Xicor Inc. X4643 Datasheet HTML 13Page - Xicor Inc. X4643 Datasheet HTML 14Page - Xicor Inc. X4643 Datasheet HTML 15Page - Xicor Inc. X4643 Datasheet HTML 16Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
X4643/5 – Preliminary Information
Characteristics subject to change without notice.
12 of 22
REV 1.26 4/30/02
www.xicor.com
There is a similar operation, called “Set Current
Address” where the device does no operation, but
enters a new address into the address counter if a stop
is issued instead of the second start shown in Figure
13. The device goes into standby mode after the stop
and all bus activity will be ignored until a start is
detected. The next Current Address Read operation
reads from the newly loaded address. This operation
could be useful if the master knows the next address it
needs to read, but is not ready for the data.
Sequential Read
Sequential reads can be initiated as either a current
address read or random address read. The first Data
Byte is transmitted as with the other modes; however,
the master now responds with an acknowledge, indi-
cating it requires additional data. The device continues
to output data for each acknowledge received. The
master terminates the read operation by not respond-
ing with an acknowledge and then issuing a stop con-
dition.
The data output is sequential, with the data from
address n followed by the data from address n + 1. The
address counter for read operations increments
through all page and column addresses, allowing the
entire memory contents to be serially read during one
operation. At the end of the address space the counter
“rolls over” to address 0000H and the device continues
to output data for each acknowledge received. Refer to
Figure 14 for the acknowledge and data transfer
sequence.
Figure 14. Sequential Read Sequence
Data
(2)
S
t
o
p
Slave
Address
Data
(n)
A
C
K
A
C
K
SDA Bus
Signals from
the Slave
Signals from
the Master
1
Data
(n-1)
A
C
K
A
C
K
(n is any integer greater than 1)
Data
(1)
X4643/5 Addressing
SLAVE ADDRESS BYTE
Following a start condition, the master must output a
Slave Address Byte. This byte consists of several parts:
– a device type identifier that is ‘1010’ to access the
array
– one bits of ‘0’.
– next two bits are the device address.
– one bit of the slave command byte is a R/W bit. The
R/W bit of the Slave Address Byte defines the opera-
tion to be performed. When the R/W bit is a one, then
a read operation is selected. A zero selects a write
operation. Refer to Figure 15.
– After loading the entire Slave Address Byte from the
SDA bus, the device compares the input slave byte
data to the proper slave byte. Upon a correct com-
pare, the device outputs an acknowledge on the SDA
line.
Word Address
The word address is either supplied by the master or
obtained from an internal counter. The internal counter
is undefined on a power up condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com