Electronic Components Datasheet Search
  English  ▼

X  

X4643 Datasheet(PDF) 16 Page - Xicor Inc.

Part # X4643
Description  CPU Supervisor with 64K EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X4643 Datasheet(HTML) 16 Page - Xicor Inc.

Back Button X4643 Datasheet HTML 12Page - Xicor Inc. X4643 Datasheet HTML 13Page - Xicor Inc. X4643 Datasheet HTML 14Page - Xicor Inc. X4643 Datasheet HTML 15Page - Xicor Inc. X4643 Datasheet HTML 16Page - Xicor Inc. X4643 Datasheet HTML 17Page - Xicor Inc. X4643 Datasheet HTML 18Page - Xicor Inc. X4643 Datasheet HTML 19Page - Xicor Inc. X4643 Datasheet HTML 20Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
X4643/5 – Preliminary Information
Characteristics subject to change without notice.
16 of 22
REV 1.26 4/30/02
www.xicor.com
TIMING DIAGRAMS
Bus Timing
WP Pin Timing
Write Cycle Timing
Nonvolatile Write Cycle Timing
Notes: (1) tWC is the time from a valid stop condition at the end of a write sequence to the end of the self-timed internal nonvolatile write cycle.
It is the minimum cycle time to be allowed for any nonvolatile write by the user, unless Acknowledge Polling is used.
Symbol
Parameter
Min.
Typ.(1)
Max.
Unit
tWC
(1)
Write Cycle Time
5
10
ms
tSU:STO
tDH
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA IN
SDA OUT
tF
tLOW
tBUF
tAA
tR
tHD:WP
SCL
SDA IN
WP
tSU:WP
Clk 1
Clk 9
Slave Address Byte
START
SCL
SDA
tWC
8th bit of Last Byte
ACK
Stop
Condition
Start
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com