Electronic Components Datasheet Search
  English  ▼

X  

X4643 Datasheet(PDF) 15 Page - Xicor Inc.

Part # X4643
Description  CPU Supervisor with 64K EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X4643 Datasheet(HTML) 15 Page - Xicor Inc.

Back Button X4643 Datasheet HTML 11Page - Xicor Inc. X4643 Datasheet HTML 12Page - Xicor Inc. X4643 Datasheet HTML 13Page - Xicor Inc. X4643 Datasheet HTML 14Page - Xicor Inc. X4643 Datasheet HTML 15Page - Xicor Inc. X4643 Datasheet HTML 16Page - Xicor Inc. X4643 Datasheet HTML 17Page - Xicor Inc. X4643 Datasheet HTML 18Page - Xicor Inc. X4643 Datasheet HTML 19Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
X4643/5 – Preliminary Information
Characteristics subject to change without notice.
15 of 22
REV 1.26 4/30/02
www.xicor.com
CAPACITANCE (TA = 25°C, f = 1.0 MHz, VCC = 5V)
Notes: (4) This parameter is periodically sampled and not 100% tested.
Symbol
Parameter
Max.
Unit
Test Conditions
COUT
(4)
Output Capacitance (SDA, RST/RST)
8
pF
VOUT = 0V
CIN
(4)
Input Capacitance (SCL, WP)
6
pF
VIN = 0V
EQUIVALENT A.C. LOAD CIRCUIT
A.C. TEST CONDITIONS
SDA
or
RESET
1533
Ω
100pF
5V
For VOL= 0.4V
and IOL = 3 mA
Input pulse levels
0.1VCC to 0.9VCC
Input rise and fall times
10ns
Input and output timing levels
0.5VCC
Output load
Standard output load
A.C. CHARACTERISTICS (Over recommended operating conditions, unless otherwise specified)
Notes: (1) Typical values are for TA = 25°C and VCC = 5.0V
(2) Cb = total capacitance of one bus line in pF.
Symbol
Parameter
Min.
Max.
Unit
fSCL
SCL Clock Frequency
0
400
kHz
tIN
Pulse width Suppression Time at inputs
50
ns
tAA
SCL LOW to SDA Data Out Valid
0.1
0.9
µs
tBUF
Time the bus free before start of new transmission
1.3
µs
tLOW
Clock LOW Time
1.3
µs
tHIGH
Clock HIGH Time
0.6
µs
tSU:STA
Start Condition Setup Time
0.6
µs
tHD:STA
Start Condition Hold Time
0.6
µs
tSU:DAT
Data In Setup Time
100
ns
tHD:DAT
Data In Hold Time
0
µs
tSU:STO
Stop Condition Setup Time
0.6
µs
tDH
Data Output Hold Time
50
ns
tR
SDA and SCL Rise Time
20 + .1Cb
300
ns
tF
SDA and SCL Fall Time
20 + .1Cb
300
ns
tSU:WP
WP Setup Time
0.6
µs
tHD:WP
WP Hold Time
0
µs
Cb
Capacitive load for each bus line
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com