Electronic Components Datasheet Search
  English  ▼

X  

X4643 Datasheet(PDF) 14 Page - Xicor Inc.

Part # X4643
Description  CPU Supervisor with 64K EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X4643 Datasheet(HTML) 14 Page - Xicor Inc.

Back Button X4643 Datasheet HTML 10Page - Xicor Inc. X4643 Datasheet HTML 11Page - Xicor Inc. X4643 Datasheet HTML 12Page - Xicor Inc. X4643 Datasheet HTML 13Page - Xicor Inc. X4643 Datasheet HTML 14Page - Xicor Inc. X4643 Datasheet HTML 15Page - Xicor Inc. X4643 Datasheet HTML 16Page - Xicor Inc. X4643 Datasheet HTML 17Page - Xicor Inc. X4643 Datasheet HTML 18Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
X4643/5 – Preliminary Information
Characteristics subject to change without notice.
14 of 22
REV 1.26 4/30/02
www.xicor.com
ABSOLUTE MAXIMUM RATINGS
Temperature under bias .................... -65°C to +135°C
Storage temperature ......................... -65°C to +150°C
Voltage on any pin with respect to VSS ....-1.0V to +7V
D.C. output current ............................................... 5mA
Lead temperature (soldering, 10 seconds).........300°C
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating con-
ditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0°C
70°C
Industrial
-40°C
+85°C
Option
Supply Voltage Limits
–2.7 and –2.7A
2.7V to 5.5V
Blank and –4.5A
4.5V to 5.5V
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
Notes: (1) The device enters the Active state after any start, and remains active until: 9 clock cycles later if the Device Select Bits in the Slave
Address Byte are incorrect; 200ns after a stop ending a read operation; or tWC after a stop ending a write operation.
(2) The device goes into Standby: 200ns after any stop, except those that initiate a nonvolatile write cycle; tWC after a stop that initiates
a nonvolatile cycle; or 9 clock cycles after any start that is not followed by the correct Device Select Bits in the Slave Address Byte.
(3) VIL Min. and VIH Max. are for reference only and are not tested.
Symbol
Parameter
VCC = 2.7 to 5.5V
Unit
Test Conditions
Min
Max
ICC1
(1)
Active Supply Current Read
1.0
mA
VIL = VCC x 0.1, VIH = VCC x 0.9
fSCL = 400kHz, SDA = Commands
ICC2
(1)
Active Supply Current Write
3.0
mA
ISB1
(2)
Standby Current DC (WDT off)
1
µA
VSDA = VSCL = VSB
Others = GND or VSB
ISB2
(2)
Standby Current DC (WDT on)
20
µA
VSDA = VSCL = VSB
Others = GND or VSB
ILI
Input Leakage Current
10
µA
VIN = GND to VCC
ILO
Output Leakage Current
10
µA
VSDA = GND to VCC
Device is in Standby(1)
VIL
(3)
Input LOW Voltage
-0.5
VCC x 0.3
V
VIH
(3)
Input nonvolatile
VCC x 0.7
VCC + 0.5
V
VHYS
Schmitt Trigger Input Hysteresis
Fixed input level
VCC related level
0.2
.05 x VCC
V
V
VOL
Output LOW Voltage
0.4
V
IOL = 3.0mA (2.7–5.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com