Electronic Components Datasheet Search
  English  ▼

X  

X4643 Datasheet(PDF) 17 Page - Xicor Inc.

Part # X4643
Description  CPU Supervisor with 64K EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X4643 Datasheet(HTML) 17 Page - Xicor Inc.

Back Button X4643 Datasheet HTML 13Page - Xicor Inc. X4643 Datasheet HTML 14Page - Xicor Inc. X4643 Datasheet HTML 15Page - Xicor Inc. X4643 Datasheet HTML 16Page - Xicor Inc. X4643 Datasheet HTML 17Page - Xicor Inc. X4643 Datasheet HTML 18Page - Xicor Inc. X4643 Datasheet HTML 19Page - Xicor Inc. X4643 Datasheet HTML 20Page - Xicor Inc. X4643 Datasheet HTML 21Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
X4643/5 – Preliminary Information
Characteristics subject to change without notice.
17 of 22
REV 1.26 4/30/02
www.xicor.com
Power-Up and Power-Down Timing
RESET Output Timing
Notes: (8) This parameter is periodically sampled and not 100% tested.
SDA vs. RESET Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
VTRIP
Reset Trip Point Voltage, X4643/5-4.5A
Reset Trip Point Voltage, X4643/5
Reset Trip Point Voltage, X4643/5-2.7A
Reset Trip Point Voltage, X4643/5-2.7
4.5
4.25
2.85
2.55
4.62
4.38
2.92
2.62
4.75
4.5
3.0
2.7
V
tPURST
Power-up Reset Time Out
100
250
400
ms
tRPD
(8)
VCC Detect to Reset/Output
500
ns
tF
(8)
VCC Fall Time
100
µs
tR
(8)
VCC Rise Time
100
µs
VRVALID
Reset Valid VCC
1V
VCC
tPURST
tR
tF
tRPD
0 Volts
VTRIP
RESET
RESET
VRVALID
(X4645)
(X4643)
tPURST
VRVALID
tRSP<tWDO
tRST
RESET
SDA
tRSP
Note: All inputs are ignored during the active reset period (tRST).
tRST
SCL
tRSP>tWDO
tRSP>tWDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com