Electronic Components Datasheet Search
  English  ▼

X  

XRT75R03DIV Datasheet(PDF) 19 Page - Exar Corporation

Part # XRT75R03DIV
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R03DIV Datasheet(HTML) 19 Page - Exar Corporation

Back Button XRT75R03DIV Datasheet HTML 15Page - Exar Corporation XRT75R03DIV Datasheet HTML 16Page - Exar Corporation XRT75R03DIV Datasheet HTML 17Page - Exar Corporation XRT75R03DIV Datasheet HTML 18Page - Exar Corporation XRT75R03DIV Datasheet HTML 19Page - Exar Corporation XRT75R03DIV Datasheet HTML 20Page - Exar Corporation XRT75R03DIV Datasheet HTML 21Page - Exar Corporation XRT75R03DIV Datasheet HTML 22Page - Exar Corporation XRT75R03DIV Datasheet HTML 23Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 134 page
background image
XRT75R03D
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
REV. 1.0.2
14
66
RxClkINV/
CS
I
Receive Clock Invert Input - Chip Selectl:
In Hardware Mode is pin is used to configure the Receive Sections of the three
(3) channels in the XRT75R03D to either output the recovered data via the
RPOS_n or RNEG_n/LCV_n output pins upon either the rising or falling edge of
the RCLK_n clock output signal.
"Low" - Configures each of the Receive Sections to output the recovered data
via the RPOS_n and RNEG_n/LCV_n output pins upon the rising edge of the
RCLK_n output clock signal.
"High" - Configures each of the Receive Sections to output the recovered data
via the RPOS_n and RNEG_n/LCV_n output pins upon the falling edge of the
RCLK_n output clock signal.
NOTES:
1.
This input pin will function as the CS (Chip Select Input pin) of the
Microprocessor Serial Interface when the XRT75R03D has been
configured to operate in the Host Mode.
2.
This configuration setting applies globally to all three (3) of the
channels within the XRT75R03D.
3.
If the Receive Sections are configured to operate in the Single-Rail
Mode, then the LCV_n output pin will be updated on the user-selected
edge of the RCLK_n signal, per this configuration selection.
106
SFM_EN
I
Single Frequency Mode Enable:
This input pin is used to configure the XRT75R03D to operate in the SFM (Sin-
gle Frequency) Mode.
When this feature is invoked the Single-Frequency Mode Synthesizer will
become active. By applying a 12.288MHz clock signal to pin 109, STS-1CLK/
12M the XRT75R03D will, depending upon which mode the user has configured
each of the three channels, generate all of the appropriate clock signals (e.g.,
34.368MHz, 44.736MHz or 51.84. Further, the XRT75R03D internal circuitry
will route each of these synthesized clock signals to the appropriate nodes of
the corresponding three channels in the XRT75R03D.
"Low" - Disables the Single Frequency Mode. In this configuration setting, the
user is required to supply to the E3CLK, DS3CLK or STS-1CLK input pins all of
the relevant clock signals that are to be used within the chip.
"High" - Enables the Single-Frequency Mode. A 12.288MHz clock signal MUST
be applied to pin 109 (STS-1CLK/12M).
NOTE: This input pin is internally pulled low.
SYSTEM-SIDE RECEIVE OUTPUT AND RECEIVE CONTROL PINS
PIN #SIGNAL NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com