Electronic Components Datasheet Search
  English  ▼

X  

XRT75R03DIV Datasheet(PDF) 83 Page - Exar Corporation

Part # XRT75R03DIV
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R03DIV Datasheet(HTML) 83 Page - Exar Corporation

Back Button XRT75R03DIV Datasheet HTML 79Page - Exar Corporation XRT75R03DIV Datasheet HTML 80Page - Exar Corporation XRT75R03DIV Datasheet HTML 81Page - Exar Corporation XRT75R03DIV Datasheet HTML 82Page - Exar Corporation XRT75R03DIV Datasheet HTML 83Page - Exar Corporation XRT75R03DIV Datasheet HTML 84Page - Exar Corporation XRT75R03DIV Datasheet HTML 85Page - Exar Corporation XRT75R03DIV Datasheet HTML 86Page - Exar Corporation XRT75R03DIV Datasheet HTML 87Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 134 page
background image
XRT75R03D
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
REV. 1.0.2
78
TABLE 28: RECEIVE CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X05
Channel 1 Address Location = 0x0D
Channel 2 Address Location = 0x15
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Unused
Disable DLOS
Detector
Disable ALOS
Detector
RxCLKINV
LOSMUT
Enable
Receive
Monitor Mode
Enable
Receive
Equalizer
Enable
R/O
R/O
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
000
BIT NUMBER
NAME
TYPE
DEFAULT
VALUE
DESCRIPTION
7 - 6
Unused
R/O
0
5
Disable DLOS
Detector
R/W
0
Disable Digital LOS Detector - Channel_n:
This READ/WRITE bit-field is used to either enable or dis-
able the Digital LOS (Loss of Signal) Detector within
Channel_n, as described below.
0 - Enables the Digital LOS Detector within Channel_n.
NOTE: This is the default condition.
1 - Disables the Digital LOS Detector within Channel_n.
NOTE: This bit-field is only active if Channel_n has been
configured to operate in the DS3 or STS-1 Modes.
4
Disable ALOS
Detector
R/W
0
Disable Analog LOS Detector - Channel_n:
This READ/WRITE bit-field is used to either enable or dis-
able the Analog LOS (Loss of Signal) Detector within
Channel_n, as described below.
0 - Enables the Analog LOS Detector within Channel_n.
NOTE: This is the default condition.
1 - Disables the Analog LOS Detector within Channel_n.
NOTE: This bit-field is only active if Channel_n has been
configured to operate in the DS3 or STS-1 Modes.
3
RxCLKINV
R/W
0
Receive Clock Invert Select - Channel_n:
This READ/WRITE bit-field is used to select the edge of
the RCLK_n output that the Receive Section of Channel_n
will use to output the recovered data via the RPOS_n and
RNEG_n output pins, as described below.
0 - Configures the Receive Section (within the correspond-
ing channel) to output the recovered data via the RPOS_n
and RNEG_n output pins upon the rising edge of RCLK_n.
1 - Configures the Receive Section (within the correspond-
ing channel) to output the recovered data via the RPOS_n
and RNEG_n output pins upon the falling edge of RCLK_n.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com