Electronic Components Datasheet Search
  English  ▼

X  

XRT75R03DIV Datasheet(PDF) 44 Page - Exar Corporation

Part # XRT75R03DIV
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R03DIV Datasheet(HTML) 44 Page - Exar Corporation

Back Button XRT75R03DIV Datasheet HTML 40Page - Exar Corporation XRT75R03DIV Datasheet HTML 41Page - Exar Corporation XRT75R03DIV Datasheet HTML 42Page - Exar Corporation XRT75R03DIV Datasheet HTML 43Page - Exar Corporation XRT75R03DIV Datasheet HTML 44Page - Exar Corporation XRT75R03DIV Datasheet HTML 45Page - Exar Corporation XRT75R03DIV Datasheet HTML 46Page - Exar Corporation XRT75R03DIV Datasheet HTML 47Page - Exar Corporation XRT75R03DIV Datasheet HTML 48Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 134 page
background image
XRT75R03D
REV. 1.0.2
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
39
NOTE:
If the R/W bit is set to "1", then this denotes a "READ" operation with the Microprocessor Serial Interface.
Conversely, if the R/W bit is set to "0", then this denotes a "WRITE" operation.
FIGURE 11. MICROPROCESSOR SERIAL INTERFACE STRUCTURE
FIGURE 12. TIMING DIAGRAM FOR THE MICROPROCESSOR SERIAL INTERFACE
TABLE 8: MICROPROCESSOR SERIAL INTERFACE TIMINGS ( TA = 25
0C, V
DD=3.3V± 5% AND LOAD = 10PF)
SYMBOL
PARAMETER
MIN.TYP.MAX
UNITS
t21
CS Low to Rising Edge of SClk
5
ns
t22
SDI to Rising Edge of SClk
5
ns
t23
SDI to Rising Edge of SClk Hold Time
5
ns
D0
D1
D2
D7
D6
D5
D4
D3
High Z
SDO
A0
D0
R/W
D1
0
A5
A4
A3
A2
A1
D7
D6
D5
D4
D3
D2
SDI
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SClk
CS
High Z
SDI
R/W
A1
A0
CS
SCLK
CS
SCLK
SDI
SDO
D0
D1
D2
D7
t
21
t
22
t
23
t
24
t
25
t
26
t
27
t
28
t
29
t
30
t
31
t
32
Hi-Z
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com