Electronic Components Datasheet Search
  English  ▼

X  

XRT75R03DIV Datasheet(PDF) 49 Page - Exar Corporation

Part # XRT75R03DIV
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R03DIV Datasheet(HTML) 49 Page - Exar Corporation

Back Button XRT75R03DIV Datasheet HTML 45Page - Exar Corporation XRT75R03DIV Datasheet HTML 46Page - Exar Corporation XRT75R03DIV Datasheet HTML 47Page - Exar Corporation XRT75R03DIV Datasheet HTML 48Page - Exar Corporation XRT75R03DIV Datasheet HTML 49Page - Exar Corporation XRT75R03DIV Datasheet HTML 50Page - Exar Corporation XRT75R03DIV Datasheet HTML 51Page - Exar Corporation XRT75R03DIV Datasheet HTML 52Page - Exar Corporation XRT75R03DIV Datasheet HTML 53Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 134 page
background image
XRT75R03D
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
REV. 1.0.2
44
5.4
Transmit Drive Monitor:
This feature is used for monitoring the transmit line for occurrence of fault conditions such as a short circuit on
the line or a defective line driver.
To activate this function, connect MTIP_n pins to the TTIP_n lines via a 270
Ω resistor and MRing_n pins to
TRing_n lines via 270
Ω resistor as shown in Figure 16.
When the MTIP_n and MRing_n are connected to the TTIP_n and TRing_n lines, the drive monitor circuit
monitors the line for transitions. The DMO_n (Drive Monitor Output) will be asserted “Low” as long as the
transitions on the line are detected via MTIP_n and MRing_n.
If no transitions on the line are detected for 128 ± 32 TxClk_n periods, the DMO_n output toggles “High” and
when the transitions are detected again, DMO_n toggles “Low”.
NOTE: The Drive Monitor Circuit is only for diagnostic purpose and does not have to be used to operate the transmitter.
5.5
Transmitter Section On/Off:
The transmitter section of each channel can either be turned on or off. To turn on the transmitter, set the input
pin TxON_n to “High” (in Hardware Mode) or write a “1” to the TxON_n control bits (in Host Mode) and TxON_n
pins tied “High”.
When the transmitter is turned off, TTIP_n and TRing_n are tri-stated.
NOTES:
1.
This feature provides support for Redundancy.
2.
If the XRT75R03D is configured in Host mode, to permit a system designed for redundancy to quickly shut-off the
defective line card and turn on the back-up line card, writing a “1” to the TxON_n control bits transfers the control
to TxON_n pins.
6.0
THE RECEIVER SECTION:
This section describes the detailed operation of the various blocks in the receiver. The receiver recovers the
TTL/CMOS level data from the incoming bipolar B3ZS or HDB3 encoded input pulses.
6.1
AGC/Equalizer:
The Adaptive Gain Control circuit amplifies the incoming analog signal and compensates for the various flat
losses and also for the loss at one-half symbol rate. The AGC has a dynamic range of 30 dB.
The Equalizer restores the integrity of the signal and compensates for the frequency dependent attenuation of
up to 900 feet of coaxial cable (1300 feet for E3). The Equalizer also boosts the high frequency content of the
FIGURE 17. TRANSMIT DRIVER MONITOR SET-UP.
TTIP(n)
TRing(n)
XRT75R03D (0nly one channel shown)
1:1
R3
75
Ω
TxPOS(n)
TxNEG(n)
TxLineClk(n)
TPData(n)
TNData(n)
TxClk(n)
31.6
Ω + 1%
31.6
Ω +1%
R1
R2
MRing(n)
MTIP(n)
R5 270
Ω
R4 270
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com