Electronic Components Datasheet Search
  English  ▼

X  

XRT75R03DIV Datasheet(PDF) 82 Page - Exar Corporation

Part # XRT75R03DIV
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R03DIV Datasheet(HTML) 82 Page - Exar Corporation

Back Button XRT75R03DIV Datasheet HTML 78Page - Exar Corporation XRT75R03DIV Datasheet HTML 79Page - Exar Corporation XRT75R03DIV Datasheet HTML 80Page - Exar Corporation XRT75R03DIV Datasheet HTML 81Page - Exar Corporation XRT75R03DIV Datasheet HTML 82Page - Exar Corporation XRT75R03DIV Datasheet HTML 83Page - Exar Corporation XRT75R03DIV Datasheet HTML 84Page - Exar Corporation XRT75R03DIV Datasheet HTML 85Page - Exar Corporation XRT75R03DIV Datasheet HTML 86Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 134 page
background image
XRT75R03D
REV. 1.0.2
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
77
1
TxCLKINV
R/W
0
Transmit Clock Invert Select - Channel_n:
This READ/WRITE bit-field is used to select the edge of
the TxCLK_n input that the Transmit Section of Channel_n
will use to sample the TPDATA_n and TNDATA_n input
pins, as described below.
0 - Configures the Transmit Section (within the correspond-
ing channel) to sample the TPDATA_n and TNDATA_n
input pins upon the falling edge of TxCLK_n.
1 - Configures the Transmit Section (within the correspond-
ing channel) to sample the TPDATA_n and TNDATA_n
input pins upon the rising edge of TxCLK_n.
NOTE:
Whenever
this
configuration
setting
is
accomplished via the Host Mode, it is done on a
per-channel basis.
0TxLEV
R/W
0
Transmit Line Build-Out Select - Channel_n:
This READ/WRITE bit-field is used to either enable or dis-
able the Transmit Line Build-Out (e.g., pulse-shaping) cir-
cuit within the corresponding channel. The user should set
this bit-field to either "0" or to "1" based upon the following
guidelines.
0 - If the cable length between the Transmit Output (of the
corresponding Channel) and the DSX-3/STSX-1 location is
225 feet or less.
1 - If the cable length between the Transmit Output (of the
corresponding Channel) and the DSX-3/STSX-1 location is
225 feet or more.
The user must follow these guidelines in order to insure
that the Transmit Section (of Channel_n) will always gener-
ate a DS3 pulse that complies with the Isolated Pulse Tem-
plate requirements per Bellcore GR-499-CORE, or an
STS-1 pulse that complies with the Pulse Template
requirements per Telcordia GR-253-CORE.
NOTE:
This bit-field is ignored if the channel has been
configured to operate in the E3 Mode.
BIT NUMBER
NAME
TYPE
DEFAULT
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com