Electronic Components Datasheet Search
  English  ▼

X  

XRT75R03DIV Datasheet(PDF) 37 Page - Exar Corporation

Part # XRT75R03DIV
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R03DIV Datasheet(HTML) 37 Page - Exar Corporation

Back Button XRT75R03DIV Datasheet HTML 33Page - Exar Corporation XRT75R03DIV Datasheet HTML 34Page - Exar Corporation XRT75R03DIV Datasheet HTML 35Page - Exar Corporation XRT75R03DIV Datasheet HTML 36Page - Exar Corporation XRT75R03DIV Datasheet HTML 37Page - Exar Corporation XRT75R03DIV Datasheet HTML 38Page - Exar Corporation XRT75R03DIV Datasheet HTML 39Page - Exar Corporation XRT75R03DIV Datasheet HTML 40Page - Exar Corporation XRT75R03DIV Datasheet HTML 41Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 134 page
background image
XRT75R03D
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
REV. 1.0.2
32
3.0
TIMING CHARACTERISTICS
FIGURE 4. TYPICAL INTERFACE BETWEEN TERMINAL EQUIPMENT AND THE XRT75R03D (DUAL-RAIL DATA)
FIGURE 5. TRANSMITTER TERMINAL INPUT TIMING
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TxClk
Duty Cycle
E3
DS3
STS-1
30
50
34.368
44.736
51.84
70
%
MHz
MHz
MHz
tRTX
TxClk Rise Time (10% to 90%)
4
ns
tFTX
TxClk Fall Time (10% to 90%)
4
ns
tTSU
TPData/TNData to TxClk falling set up time
3
ns
tTHO
TPData/TNData to TxClk falling hold time
3
ns
tTDY
TTIP/TRing to TxClk rising propagation delay time
8
ns
Terminal
Equipment
(E3/DS3 or STS-1
Framer)
Exar E3/DS3/STS-1 LIU
Transmit
Logic
Block
TxPOS
TxNEG
TxLineClk
TPData
TNData
TxClk
TPData or
TN Data
TTIP or
TRing
TxC lk
t
TSU
t
THO
t
RTX
t
FTX
t
TDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com