| Electronic Components Datasheet Search |
|
HT32F1653 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT32F1653 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc |
|
12 / 46 page ![]() Rev. 1.00 1� of 46 �an�a�� ��� �01� 3�-bit ARM® Co�tex™-M3 MCU HT3�F16�3/HT3�F16�4 Watchdog Timer – WDT ■ 12-bit down counter with 3-bit prescaler ■ Interrupt or reset event for the system ■ Programmable watchdog timer window function ■ Register write protection function The Watchdog Timer is a hardware timing circuit that can be used to detect system failures due to software malfunctions. It includes a 12-bit count-down counter, a prescaler, a WDT counter value register, a WDT delta value register, interrupt related circuits, WDT operation control circuitry and a WDT protection mechanism. The Watchdog Timer can be operated in an interrupt mode or a reset mode. The Watchdog Timer will generate an interrupt or a reset when the counter counts down and reaches a zero value. If the software does not reload the counter value before a Watchdog Timer underflow occurs, an interrupt or a reset will be generated when the counter underflows. In addition, an interrupt or reset is also generated if the software reloads the counter when the counter value is greater than or equal to the WDT delta value. This means the counter must be reloaded within a limited timing window using a specific method. The Watchdog Timer counter can be stopped while the processor is in the debug mode. There is a register write protect function which can be enabled to prevent it from changing the Watchdog Timer configuration unexpectedly. Real Time Clock – RTC ■ 32-bit up-counter with a programmable prescaler ■ Alarm function ■ Interrupt and Wake-up event The Real Time Clock, RTC for short, includes an APB interface, a 32-bit count-up counter, a control register, a prescaler, a compare register and a status register. Most of the RTC circuits are located in the Backup Domain except for the APB interface. The APB interface is located in the VDD18 power domain. Therefore, it is necessary to be isolated from the ISO signal that comes from the power control unit when the VDD18 power domain is powered off, that is when the device enters the Power-Down mode. The RTC counter is used as a wakeup timer to generate a system resume signal from the Power-Down mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |