Electronic Components Datasheet Search
  English  ▼

X  

HT32F1653 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT32F1653
Description  32-bit ARM Cortex -M3 Microcontroller, up to 64KB Flash and 16KB SRAM with 1 MSPS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1653 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT32F1653 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Rev. 1.00
�1 of 46
�an�a�� ��� �01�
3�-bit ARM® Co�tex™-M3 MCU
HT3�F16�3/HT3�F16�4
Memory Map
USB
GPIOA~D
EBI
Up to
64 KB on-chip Flash
0x0000_0000
Reserved
0x0001_0000
Boot loader
0x1F00_0000
Reserved
0x1F00_2000
Option byte alias
0x1FF0_0000
Up to
64 Kbytes
8 Kbytes
1 Kbytes
Reserved
0x1FF0_0400
Code
SRAM
Peripheral
Up to
16 KB on-chip SRAM
0x2000_0000
Reserved
0x2000_4000
SRAM bit band alias
0x2200_0000
Reserved
0x2220_0000
Up to
16 Kbytes
2 Mbytes
APB peripherals
0x4000_0000
AHB peripherals
0x4008_0000
Reserved
0x4010_0000
APB/AHB bit band alias
0x4200_0000
Reserved
0x4400_0000
Private peripheral bus
0xE000_0000
Reserved
0xE010_0000
0xFFFF_FFFF
512 Kbytes
512 Kbytes
32 Mbytes
USART0
0x4000_0000
UART0
0x4000_1000
SPI0
0x4000_4000
Reserved
0x4000_5000
ADC
0x4001_0000
0x4001_1000
Reserved
OPA/CMP
0x4001_8000
Reserved
0x4001_9000
0x4001_A000
0x4001_B000
0x4001_C000
0x4001_D000
0x4001_E000
0x4001_F000
AFIO
0x4002_2000
Reserved
0x4002_3000
EXTI
0x4002_4000
I2S
0x4002_6000
MCTM0
0x4002_C000
0x4002_D000
MCTM1
USART1
0x4004_0000
UART1
0x4004_1000
SCI
0x4004_3000
Reserved
0x4004_5000
SPI1
0x4004_4000
I2C0
0x4004_8000
Reserved
0x4004_A000
I2C1
0x4004_9000
Reserved
0x4004_F000
USB
0x4004_E000
Reserved
0x4006_9000
WDT
0x4006_8000
Reserved
0x4006_B000
RTC/PWRCU
0x4006_A000
GPTM0
0x4006_E000
Reserved
0x4007_0000
GPTM1
0x4006_F000
BFTM0
0x4007_6000
Reserved
0x4007_8000
BFTM1
0x4007_7000
APB0
APB1
FMC
0x4008_0000
Reserved
0x4008_2000
CKCU/RSTCU
0x4008_8000
CRC-16/32
0x4008_A000
PDMA
0x4009_0000
0x4009_8000
0x400A_8000
Reserved
0x400B_0000
0x400F_FFFF
AHB
EBI Selection Bank
Reserved
0x6000_0000
0x7000_0000
64 MBytes
x 4
Figure 2 HT32F1654/1653 Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com