Electronic Components Datasheet Search
  English  ▼

X  

HT32F1653 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT32F1653
Description  32-bit ARM Cortex -M3 Microcontroller, up to 64KB Flash and 16KB SRAM with 1 MSPS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1653 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT32F1653 Datasheet HTML 33Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 34Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 35Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 36Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 37Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 38Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 39Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 40Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
Rev. 1.00
37 of 46
�an�a�� ��� �01�
3�-bit ARM® Co�tex™-M3 MCU
HT3�F16�3/HT3�F16�4
Comparator Characteristics
Table 17 Comparator Characteristics
TA = -40°C ~ ��°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min Typ Max Unit
VDDA
Ope�ating voltage
Compa�ato� mode
�.7
3.3
3.6
V
VIN
Inp�t Common Mode
Voltage Range
CP o� CN
VSSA — VDDA
V
VIOS
Inp�t offset voltage(Note)
TA = ��°C
-�
—
�
mV
Vh�s
Inp�t H�ste�esis
No h�ste�esis
(CMPnHM [1:0] = 00)
—
0
—
mV
Low h�ste�esis
(CMPnHM [1:0] = 01)
—
30
—
mV
Middle h�ste�esis
(CMPnHM [1:0] = 10)
—
70
—
mV
High h�ste�esis
(CMPnHM [1:0] = 11)
—
100
—
mV
tRT
Response time
Inp�t Ove�d�ive = ±100mV
High Speed mode
—
�0
100
ns
Low Speed mode
—
�
�
�s
ICMP
C���ent Cons�mption
VDDA = 3.3 V
High Speed mode
—
100
�A
Low Speed mode
—
10
�A
tCMPST
Compa�ato� Sta�t�p Time
Compa�ato� enabled to o�tp�t
valid.
—
—
�0
�s
ICMP_DN
Powe� Down S�ppl�
C���ent
CMPEN = 0
CVREFEN = 0
CVREFOE=0
—
—
0.1
�A
Comparator Voltage Reference (CVR)
VCVR
O�tp�t Range
—
VSSA — VDDA
V
NBits
CVR Scale� Resol�tion
—
—
6
—
bits
tCVRST
Setting Time
CVR scale� setting time f�om
CVREF = “000000” to “111111”
—
—
100
�s
ICVR
C���ent Cons�mption
VDDA = 3.3 V
CVREFEN=1� CMPREFOE=0
—
10
—
�A
CVREFEN=1� CVREFOE=1
—
�0
40
�A
Note: G�a�anteed b� design� not tested in p�od�ction.
GPTM/MCTM Characteristics
Table 18 GPTM/MCTM Characteristics
Symbol
Parameter
Conditions
Min Typ Max Unit
fTM
Time� clock so��ce fo� GPTM and MCTM
—
—
—
7� MHz
tRES
Time� �esol�tion time
—
1
—
—
fTM
fEXT
Exte�nal single f�eq�enc� on channel 1 ~ 4
—
—
—
1/�
fTM
RES
Time� �esol�tion
—
—
—
16
bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com